Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS692LSH Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ATS692LSH
Description  Two-wire, pulse width output protocol
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS692LSH Datasheet(HTML) 3 Page - Allegro MicroSystems

  ATS692LSH Datasheet HTML 1Page - Allegro MicroSystems ATS692LSH Datasheet HTML 2Page - Allegro MicroSystems ATS692LSH Datasheet HTML 3Page - Allegro MicroSystems ATS692LSH Datasheet HTML 4Page - Allegro MicroSystems ATS692LSH Datasheet HTML 5Page - Allegro MicroSystems ATS692LSH Datasheet HTML 6Page - Allegro MicroSystems ATS692LSH Datasheet HTML 7Page - Allegro MicroSystems ATS692LSH Datasheet HTML 8Page - Allegro MicroSystems ATS692LSH Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Two-Wire, Differential, Vibration Resistant
Sensor IC with Speed and Direction Output
ATS692LSH(RSNPH)
3
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
OPERATING CHARACTERISTICS Valid at throughout full operating and temperature ranges; using Reference Target 60-0;
unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.1
Max.
Unit
General Electrical Characteristics
Supply Voltage2
VCC
Operating, TJ < TJ(max)
4.0
–
24
V
Under Voltage Lockout
VCC(UV)
VCC 0 → 5 V or 5 → 0 V
–
3.6
3.95
V
Reverse Supply Current3
IRCC
VCC = VRCC(max)
–
–
–10
mA
Supply Zener Clamp Voltage
VZ(SUPPLY) ICC = ICC(max) + 3 mA, TA = 25ºC
28
–
–
V
Supply Current
ICC(LOW)
Low-current state (Running mode)
5.0
–
8.0
mA
ICC(HIGH)
High-current state (Running mode)
12.0
–
16.0
mA
ICC(SU)(LOW) Startup current level (Power-On mode)
5.0
–
8.5
mA
ICC(SU)(HIGH) High-current state (Calibration)
12.0
–
16.5
mA
Supply Current Ratio
ICC(HIGH) /
ICC(LOW)
Measured as ratio of high current to low current
1.9
–
–
–
Test Pins Zener Clamp Voltage4
VZ(TEST)
–6–
V
Output Stage
Output Slew Rate
SROUT
RL = 100 Ω, CL = 10 pF; ICC(HIGH) → ICC(LOW),
ICC(LOW) → ICC(HIGH), 10% to 90% points
7.0
16
–
mA / μs
Output Pulse Characteristics5
Pulse Width (Forward Rotation)
tw(FWD)
38
45
52
μs
Pulse Width (Reverse Rotation)
tw(REV)
76
90
104
μs
Pulse Width (Non-Direction)
tw(ND)
153
180
207
μs
General Operating Characteristics
Operate Point
BOP
% of peak-to-peak VPROC
–69–
%
Release Point
BRP
% of peak-to-peak VPROC
–31–
%
Operating Frequency (Forward
Rotation)
fFWD
0
–
12
kHz
Operating Frequency (Reverse
Rotation)6
fREV
0–7
kHz
Operating Frequency (Non-Direction
Pulses)6
fND
0–4
kHz
DAC Characteristics
Allowable User-Induced Offset
BOFFSET
Magnitude valid for both differential magnetic
channels
–60
–
60
G
Performance Characteristics
Air Gap Range
AG
Using Allegro Reference Target 60-0
0.5
–
2.75
mm
Vibration Immunity (Startup)
errVIB(SU) See figure 1
TTARGET
–
–
deg.
Vibration Immunity (Running Mode)
errVIB
See figure 1
TTARGET
–
–
deg.
Continued on the next page…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com