Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS692LSH Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # ATS692LSH
Description  Two-wire, pulse width output protocol
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS692LSH Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button ATS692LSH Datasheet HTML 3Page - Allegro MicroSystems ATS692LSH Datasheet HTML 4Page - Allegro MicroSystems ATS692LSH Datasheet HTML 5Page - Allegro MicroSystems ATS692LSH Datasheet HTML 6Page - Allegro MicroSystems ATS692LSH Datasheet HTML 7Page - Allegro MicroSystems ATS692LSH Datasheet HTML 8Page - Allegro MicroSystems ATS692LSH Datasheet HTML 9Page - Allegro MicroSystems ATS692LSH Datasheet HTML 10Page - Allegro MicroSystems ATS692LSH Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Two-Wire, Differential, Vibration Resistant
Sensor IC with Speed and Direction Output
ATS692LSH(RSNPH)
7
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Functional Description
Sensing Technology
The sensor IC contains a single-chip Hall-effect circuit that
supports a trio of Hall elements. These elements are used in
differential pairs to provide electrical signals containing informa-
tion regarding edge position and direction of target rotation. The
ATS692 is intended for use with ferromagnetic targets.
After proper power is applied to the sensor IC, it is capable of
providing digital information that is representative of the mag-
netic features of a rotating target. The waveform diagrams in
figure 3 present the automatic translation of the target profiles,
through their induced magnetic profiles, to the digital output
signal of the sensor IC.
Direction Detection
The sensor IC compares the relative phase of its two differential
channels to determine in which direction the target is moving.
The relative switching order is used to determine the direction,
which is communicated through the output protocol.
Data Protocol Description
When a target passes in front of the device (opposite the branded
face of the package case), the ATS692 generates an output pulse
for each tooth of the target. Speed information is provided by the
output pulse rate, while direction of target rotation is provided by
the duration of the output pulses. The sensor IC can sense target
movement in both the forward and reverse directions.
Forward Rotation
(see panel A in figure 2) When the target is
rotating such that a tooth near the sensor IC passes from pin 4 to
pin 1, this is referred to as forward rotation. Forward rotation is
indicated on the output by a tw(FWD) (45 μs typical) pulse width.
Reverse Rotation
(see panel B in figure 2) When the target is
rotating such that a tooth passes from pin 1 to pin 4, it is referred
to as reverse rotation. Reverse rotation is indicated on the output
by pulse widths of tw(REV) (90 μs typical).
Figure 2. Target rotation
Figure 3. The magnetic profile reflects the features of the target, allowing
the sensor IC to present an accurate digital output.
Pin 1
Pin 4
Rotating Target
(Ferromagnetic)
Rotating Target
(Ferromagnetic)
Branded Face
of Package
Pin 1
Pin 4
Branded Face
of Package
ICC(High)
ICC(Low)
B
RP
B
OP
B
RP
B
OP
Device Orientation to Target
(Pin 1
Side)
(Pin 4
Side)
IC
A Channel
Pole Piece
(Concentrator)
Package Case
Branded Face
(Top View of
Package Case)
Back-Biasing
Rare-Earth Pellet
A Channel
B Channel
A Channel
B Channel
IC
E1
E2
E3
IC Internal Differential Analog Signals, VPROC
Detected Channel Switching
Device Output Signal
North Pole
South Pole
Mechanical Position (Target moves past device pin 1 to pin 4)
This tooth
sensed earlier
This tooth
sensed later
+B
Target
Target Magnetic Profile
(A) Forward Rotation
(B) Reverse Rotation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com