Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9SQL4958BNDGI8 Datasheet(PDF) 19 Page - Integrated Device Technology

Part # 9SQL4958BNDGI8
Description  8-output CK420BQ Derivative
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9SQL4958BNDGI8 Datasheet(HTML) 19 Page - Integrated Device Technology

Back Button 9SQL4958BNDGI8 Datasheet HTML 12Page - Integrated Device Technology 9SQL4958BNDGI8 Datasheet HTML 13Page - Integrated Device Technology 9SQL4958BNDGI8 Datasheet HTML 14Page - Integrated Device Technology 9SQL4958BNDGI8 Datasheet HTML 15Page - Integrated Device Technology 9SQL4958BNDGI8 Datasheet HTML 16Page - Integrated Device Technology 9SQL4958BNDGI8 Datasheet HTML 17Page - Integrated Device Technology 9SQL4958BNDGI8 Datasheet HTML 18Page - Integrated Device Technology 9SQL4958BNDGI8 Datasheet HTML 19Page - Integrated Device Technology 9SQL4958BNDGI8 Datasheet HTML 20Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
OCTOBER 28, 2016
19
8-OUTPUT CK420BQ DERIVATIVE
9SQL4958 DATASHEET
Ordering Information
“G” suffix to the part number are the Pb-Free configuration and are RoHS compliant.
“B” is the device revision designator (will not correlate with the datasheet revision).
Revision History
Part / Order Number Shipping Packaging
Package
Temperature
9SQL4958BNDGI
Trays
48-pin VFQFPN -40 to +85° C
9SQL4958BNDGI8
Tape and Reel
48-pin VFQFPN -40 to +85° C
Rev.
Issue Date
Intiator Description
Page #
A
10/28/2016
RDW
1. Updated electrical tables per PCIe Base Spec 4.0v7 of Oct. 2016
to add PCIe Gen4 CC and PCIe Gen2-3 IR to the data sheet.
2. Separated PCIe and QPI/UPI, SAS electrical tables
3. Updated front page text for clarity
4. Added note about hardware latching Spread Spectrum versus
software control of on/off to Byte 1.
5. Updated block diagram for formatting, and test loads
6. Removed IDT Crystal Part numbers from DS.
7. Changed pin name of DIF outputs to BCLK to better indicate
usage
Various



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com