Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9SQL4958BNDGI8 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 9SQL4958BNDGI8
Description  8-output CK420BQ Derivative
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9SQL4958BNDGI8 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 9SQL4958BNDGI8 Datasheet HTML 5Page - Integrated Device Technology 9SQL4958BNDGI8 Datasheet HTML 6Page - Integrated Device Technology 9SQL4958BNDGI8 Datasheet HTML 7Page - Integrated Device Technology 9SQL4958BNDGI8 Datasheet HTML 8Page - Integrated Device Technology 9SQL4958BNDGI8 Datasheet HTML 9Page - Integrated Device Technology 9SQL4958BNDGI8 Datasheet HTML 10Page - Integrated Device Technology 9SQL4958BNDGI8 Datasheet HTML 11Page - Integrated Device Technology 9SQL4958BNDGI8 Datasheet HTML 12Page - Integrated Device Technology 9SQL4958BNDGI8 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
OCTOBER 28, 2016
9
8-OUTPUT CK420BQ DERIVATIVE
9SQL4958 DATASHEET
Electrical Characteristics–Phase Jitter - QPI/UPI, SAS1, 2
Electrical Characteristics–12kHz-20MHz Phase Jitter
Electrical Characteristics–Current Consumption
TAMB = over the specified operating range. Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
SPECIFICATION
LIMIT
UNITS
NOTES
QPI & UPI
(100MHz or 133MHz, 4.8Gb/s,
6.4Gb/s 12UI)
0.13
0.2
0.5
ps
(rms)
QPI & UPI
(100MHz, 8.0Gb/s, 12UI)
0.10
0.15
0.3
ps
(rms)
QPI & UPI
(100MHz,
?9.6Gb/s, 12UI)
0.08
0.12
0.2
ps
(rms)
Phase Jitter,
SAS12G
BCLK Outputs
tjphSAS12G
100MHz, SSC Off,
REF output enabled
0.50
0.55
1.2
ps
(rms)
1,2
Notes
1 Applies to all differential outputs, guaranteed by design and characterization.
3 For RMS values additive jitter is calculated by solving for b where [b=sqrt(c 2-a 2) ], a is rms input jitter and c is rms total jitter.
Phase Jitter, PLL
Mode
tjphQPI_UPI
2 Calculated from Intel-supplied Clock Jitter Tool
TAMB = over the specified operating range. Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
SPECIFICATION
LIMIT
UNITS
NOTES
Phase Jitter,
12kHz-20MHz
BCLK Outputs
tjph12k-20M
100MHz, SSC Off,
REF output enabled
1.5
2
n/a
ps
(rms)
1
Notes
1 Applies to all differential outputs, guaranteed by design and characterization.
TA = TAMB; Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
IDDAOP
VDDA, All outputs active @100MHz
13
18
mA
IDDOP
All other VDD, except VDDA, All outputs active
@100MHz
19
26
mA
IDDIOOP
VDDIO, All outputs active @100MHz, Zo=85ohm
31
40
mA
IDDAPD
VDDA, BCLK outputs off, REF output on
0.9
1.5
mA
1
IDDPD
All other VDD, except VDDA,
BCLK outputs off, REF output running
6.59mA
1
IDDIOPD
VDDIO, BCLK outputs off, REF output on,
Zo=85ohm
0.05
0.1
mA
1
IDDAPD
VDDA, all outputs off
0.9
1.5
mA
IDDPD
All other VDD, except VDDA, all outputs off
2.4
3
mA
IDDIOPD
VDDIO, all outputs off, Zo=85ohm
0.05
0.1
mA
Notes
1 This is the current required to have the REF output running in Wake-on-LAN mode (Byte 3, bit 5 = 1)
Powerdown Current
(Power down state and
Byte 3, bit 5 = '0')
Operating Supply Current
Wake-on-LAN Current
(Power down state and
Byte 3, bit 5 = '1')



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com