Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9SQL4958BNDGI8 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 9SQL4958BNDGI8
Description  8-output CK420BQ Derivative
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9SQL4958BNDGI8 Datasheet(HTML) 2 Page - Integrated Device Technology

  9SQL4958BNDGI8 Datasheet HTML 1Page - Integrated Device Technology 9SQL4958BNDGI8 Datasheet HTML 2Page - Integrated Device Technology 9SQL4958BNDGI8 Datasheet HTML 3Page - Integrated Device Technology 9SQL4958BNDGI8 Datasheet HTML 4Page - Integrated Device Technology 9SQL4958BNDGI8 Datasheet HTML 5Page - Integrated Device Technology 9SQL4958BNDGI8 Datasheet HTML 6Page - Integrated Device Technology 9SQL4958BNDGI8 Datasheet HTML 7Page - Integrated Device Technology 9SQL4958BNDGI8 Datasheet HTML 8Page - Integrated Device Technology 9SQL4958BNDGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
8-OUTPUT CK420BQ DERIVATIVE
2
OCTOBER 28, 2016
9SQL4958 DATASHEET
Pin Configuration
SMBus Address Selection Table
Power Management Table3
Power Connections
48 47 46 45 44 43 42 41 40 39 38 37
vSS_EN_tri 1
36 BCLK5#
GNDXTAL 2
35 BCLK5
XIN/CLKIN_25 3
34 vOE4#
X2 4
33 BCLK4#
VDDXTAL3.3 5
32 BCLK4
VDDREF3.3 6
31 VDDIO
vSADR/REF3.3 7
30 VDDA3.3
GNDREF 8
29 GNDA
GNDDIG 9
28 vOE3#
SCLK_3.3 10
27 BCLK3#
SDATA_3.3 11
26 BCLK3
VDDDIG3.3 12
25 vOE2#
13 14 15 16 17 18 19 20 21 22 23 24
vv prefix indicates internal 60KOhm pull down resistor
v
prefix indicates internal 120KOhm pull down resistor
^
prefix indicates internal 120KOhm pull up resistor
9SQL4958
connect epad to GND
48-pin VFQFPN, 6x6 mm, 0.4mm pitch
SADR
Address
0
1101000
1
1101010
State of SADR on first application
of CKPWRGD_PD#
+
Read/Write Bit
x
x
True O/P
Comp. O/P
0X
X
Low1
Low1
Hi-Z2
1
1
0
Running
Running
Running
11
1
Disabled1
Disabled1
Running
10
X
Disabled1
Disabled1 Disabled4
Notes
1. The output state is set by B11[1:0] (Low/Low default)
3. Input polarities defined at default SMBus values.
4. See SMBus description for Byte 3, bit 4
REF
CKPWRGD_PD#
SMBus
OE bit
2. REF is Hi-Z until the 1st assertion of CKPWRGD_PD# high. After this, when
CKPWRG_PD# is low, REF is disabled unless Byte3[5]=1, in which case REF is
running..
BCLKx
OEx# Pin
Pin Number
VDD
VDDIO
GND
52
XTAL OSC
68
REF Power
12
9
Digital (dirty)
Power
20,38
13,21,31,39,
47
22,29,40,
49
BCLK outputs
30
29
PLL Analog
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com