Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT1284 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74ACT1284
Description  HIGH SPEED IEEE1284 TRANSCEIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT1284 Datasheet(HTML) 1 Page - STMicroelectronics

  74ACT1284 Datasheet HTML 1Page - STMicroelectronics 74ACT1284 Datasheet HTML 2Page - STMicroelectronics 74ACT1284 Datasheet HTML 3Page - STMicroelectronics 74ACT1284 Datasheet HTML 4Page - STMicroelectronics 74ACT1284 Datasheet HTML 5Page - STMicroelectronics 74ACT1284 Datasheet HTML 6Page - STMicroelectronics 74ACT1284 Datasheet HTML 7Page - STMicroelectronics 74ACT1284 Datasheet HTML 8Page - STMicroelectronics 74ACT1284 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
July 2003
s
HIGH SPEED:
TPD = 6.5 ns (Max. 85°C) at VCC =4.5V
s
LOW POWER DISSIPATION:
ICC = 80 µA (MAX.) at VCC =5.5V T = 85 °C
s
TTL COMPATIBLE INPUTS
VIH =2V (Min.) VIL =0.8V (Max.)
s
OPERATING VOLTAGE RANGE:
VCC (OPR.) = 4.5V to 5.5V
s
A Port have standard 4mA totem pole output
s
B Port high drive source/sink capability of
14mA
s
Support IEEE Std 1284-I (level 1 type) and
IEEE Std 1284-II (level 2 type) for bidirectional
parallel communications between personal
computer and printing peripherals.
DESCRIPTION
The 74ACT1284 contains four high-speed non-in-
verting bidirectional buffers and three non-invert-
ing buffers with open drain outputs fabricated in
silicon gate C2MOS technology.
It’s intended to provide a standard signaling meth-
od for a bidirection parallel peripheral in an Ex-
tended Capabilities Port mode (ECP).
The HD (active High) input pin enables the B ports
to switch from Open Drain to a high drive totem
pole output, capable of sourcing 14mA on all sev-
en buffers. The DIR input determines the direction
of data flow on the bidirectional buffers.
DIR (active High) enables data flow from A Port to
B Port. DIR (active Low) enables data flow from B
Port to A Port.
ESD protection is greater than 2000V per Method
3015.7 of MIL-STD-883B. It’s available in the
commercial temperature ranges.
74ACT1284
HIGH SPEED IEEE1284 TRANSCEIVER
ORDER CODES
PACKAGE
TUBE
T & R
SOP
74ACT1284M
74ACT1284MTR
TSSOP
74ACT1284TTR
TSSOP
SOP
PIN CONNECTION


Similar Part No. - 74ACT1284

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT1284 FAIRCHILD-74ACT1284 Datasheet
226Kb / 7P
IEEE 1284 Transceiver
74ACT1284MSA FAIRCHILD-74ACT1284MSA Datasheet
226Kb / 7P
IEEE 1284 Transceiver
74ACT1284MSA FAIRCHILD-74ACT1284MSA Datasheet
265Kb / 7P
IEEE 1284 Transceiver
74ACT1284MTC FAIRCHILD-74ACT1284MTC Datasheet
226Kb / 7P
IEEE 1284 Transceiver
74ACT1284MTC FAIRCHILD-74ACT1284MTC Datasheet
265Kb / 7P
IEEE 1284 Transceiver
More results

Similar Description - 74ACT1284

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVC161284 STMICROELECTRONICS-74LVC161284 Datasheet
217Kb / 11P
LOW VOLTAGE HIGH SPEED IEEE1284 TRANSCEIVER
May-2003
logo
List of Unclassifed Man...
TE6138 ETC1-TE6138 Datasheet
1Mb / 48P
IEEE1284 Peripheral Controller
logo
Infineon Technologies A...
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
AAEON Technology
9681681000 AAEON-9681681000 Datasheet
156Kb / 1P
??USB1.1/ IEEE1284 Compliant
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
logo
SHENZHEN FUMAN ELECTRON...
TC3088 FUMAN-TC3088 Datasheet
1Mb / 5P
High speed transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com