Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT1284 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 74ACT1284
Description  HIGH SPEED IEEE1284 TRANSCEIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT1284 Datasheet(HTML) 3 Page - STMicroelectronics

  74ACT1284 Datasheet HTML 1Page - STMicroelectronics 74ACT1284 Datasheet HTML 2Page - STMicroelectronics 74ACT1284 Datasheet HTML 3Page - STMicroelectronics 74ACT1284 Datasheet HTML 4Page - STMicroelectronics 74ACT1284 Datasheet HTML 5Page - STMicroelectronics 74ACT1284 Datasheet HTML 6Page - STMicroelectronics 74ACT1284 Datasheet HTML 7Page - STMicroelectronics 74ACT1284 Datasheet HTML 8Page - STMicroelectronics 74ACT1284 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
74ACT1284
3/11
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied.
(1) The AC input voltage pulse width is limited to 20ns if the input voltage goes more negative than -0.5V.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7
V
VIA
DC Input Voltage A Side
-0.5 to VCC + 0.5
V
VIB
DC Input Voltage B Side
-2 to +7 (1)
V
VOA
DC Output Voltage A Side
-0.5 to VCC + 0.5
V
VOB
DC Output Voltage B Side
-2 to +7 (1)
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 50
mA
IO
DC Output Current
± 50
mA
ICC or IGND DC VCC or Ground Current
± 200
mA
TSTG
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
4.5 to 5.5
V
VI
Input Voltage
0 to VCC
V
VO
Output Voltage
HD = LOW
0 to 5.5
V
Top
Operating Temperature
-40 to 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com