Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT1284 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74ACT1284
Description  HIGH SPEED IEEE1284 TRANSCEIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT1284 Datasheet(HTML) 2 Page - STMicroelectronics

  74ACT1284 Datasheet HTML 1Page - STMicroelectronics 74ACT1284 Datasheet HTML 2Page - STMicroelectronics 74ACT1284 Datasheet HTML 3Page - STMicroelectronics 74ACT1284 Datasheet HTML 4Page - STMicroelectronics 74ACT1284 Datasheet HTML 5Page - STMicroelectronics 74ACT1284 Datasheet HTML 6Page - STMicroelectronics 74ACT1284 Datasheet HTML 7Page - STMicroelectronics 74ACT1284 Datasheet HTML 8Page - STMicroelectronics 74ACT1284 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
74ACT1284
2/11
LOGIC DIAGRAM
PIN DESCRIPTION
TRUTH TABLE
PIN N.
SYMBOL
NAME AND FUNCTION
1 - 4
A1 - A4
Side A Input or Output
5, 6
GND
Ground
7 - 9
A5 - A7
Side A Input
10
DIR
Direction Control Input
11
HD
High Drive Enable Input
12 - 14
B5 - B7
Side B Output
15, 16
VCC
Power Supply
INPUT
FUNCTION
OUTPUTS
DIR
HD
LL
B1 - B4 Data to A1 - A4
A5 - A7 Data to B5 - B7
B5 - B7 Open Drain
L
H
B5 - B7 Totem Pole
HL
A1 - A7 Data to B1 - B7
B1 - B7 Open Drain
H
H
B1 - B7 Totem Pole



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com