Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4021 Datasheet(PDF) 6 Page - STMicroelectronics

Part # HCF4021
Description  Asynchronous parallel input or synchronous serial-in/serial-out 8-stage static shift register
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4021 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HCF4021 Datasheet HTML 2Page - STMicroelectronics HCF4021 Datasheet HTML 3Page - STMicroelectronics HCF4021 Datasheet HTML 4Page - STMicroelectronics HCF4021 Datasheet HTML 5Page - STMicroelectronics HCF4021 Datasheet HTML 6Page - STMicroelectronics HCF4021 Datasheet HTML 7Page - STMicroelectronics HCF4021 Datasheet HTML 8Page - STMicroelectronics HCF4021 Datasheet HTML 9Page - STMicroelectronics HCF4021 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
HCF4021
6/13
DocID008216 Rev 3
Table 6. DC specifications(1)
Sym. Parameter
Test condition
Value
Unit
VI (V) VO (V) |IO| (A) VDD(V)
TA = 25 °C
-40 to 85 °C
-55 to 125°C
Min.
Typ. Max. Min.
Max.
Min.
Max.
IL
Quiescent
current
0/5
5
0.04
5
150
150
A
0/10
10
10
300
300
0/15
15
20
600
600
0/20
20
0.08
100
3000
3000
VOH
High-level
output
voltage
0/5
<1
5
4.95
4.95
4.95
V
0/10
10
9.95
9.95
9.95
0/15
15
14.95
14.95
14.95
VOL
Low-level
output
voltage
5/0
<1
5
0.05
0.05
0.05
10/0
10
15/0
15
VIH
High-level
input
voltage
0.5/4.5
<1
5
3.5
3.5
3.5
1/9
10
7
7
7
1.5/13.5
15
11
11
11
VIL
Low-level
input
voltage
4.5/0.5
<1
5
1.5
1.5
1.5
9/1
10
3
3
3
13.5/1.5
15
4
4
4
IOH
Output
drive
current
0/5
2.5
<1
5
-1.36
-3.2
-1.1
-1.1
mA
4.6
-0.44
-1
-0.36
-0.36
0/10
9.5
10
-1.1
-2.6
-0.9
-0.9
0/15
13.5
15
-3.0
-6.8
-2.4
-2.4
IOL
Output sink
current
0/5
0.4
<1
5
0.44
1
0.36
0.36
0/10
0.5
10
1.1
2.6
0.9
0.9
0/15
1.5
15
3.0
6.8
2.4
2.4
II
Input
leakage
current
0/18
Any input
18
10-5 0.1
1
1
A
CI
Input
capacitance
Any input
5
7.5
pF
1. The noise margin for both level "1" and "0" is: 1 V min. with VDD = 5 V, 2 V min. with VDD = 10 V, and 2.5 V min. with
VDD = 15 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com