Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4021 Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCF4021
Description  Asynchronous parallel input or synchronous serial-in/serial-out 8-stage static shift register
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4021 Datasheet(HTML) 5 Page - STMicroelectronics

  HCF4021 Datasheet HTML 1Page - STMicroelectronics HCF4021 Datasheet HTML 2Page - STMicroelectronics HCF4021 Datasheet HTML 3Page - STMicroelectronics HCF4021 Datasheet HTML 4Page - STMicroelectronics HCF4021 Datasheet HTML 5Page - STMicroelectronics HCF4021 Datasheet HTML 6Page - STMicroelectronics HCF4021 Datasheet HTML 7Page - STMicroelectronics HCF4021 Datasheet HTML 8Page - STMicroelectronics HCF4021 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DocID008216 Rev 3
5/13
HCF4021
Electrical characteristics
13
3
Electrical characteristics
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied. All voltage values are referred to
VSS pin voltage.
Table 4. Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VDD
Supply voltage
-0.5 to +22
V
VI
DC input voltage
-0.5 to VDD + 0.5
II
DC input current
10
mA
PD
Power dissipation per package
200
mW
Power dissipation per output transistor
100
Top
Operating temperature
-55 to +125
°C
Tstg
Storage temperature
-65 to +150
Table 5. Recommended operating conditions
Symbol
Parameter
Value
Unit
VDD
Supply voltage
3 to 20
V
VI
Input voltage
0 to VDD
Top
Operating temperature
-55 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com