Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4021 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4021
Description  Asynchronous parallel input or synchronous serial-in/serial-out 8-stage static shift register
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4021 Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4021 Datasheet HTML 1Page - STMicroelectronics HCF4021 Datasheet HTML 2Page - STMicroelectronics HCF4021 Datasheet HTML 3Page - STMicroelectronics HCF4021 Datasheet HTML 4Page - STMicroelectronics HCF4021 Datasheet HTML 5Page - STMicroelectronics HCF4021 Datasheet HTML 6Page - STMicroelectronics HCF4021 Datasheet HTML 7Page - STMicroelectronics HCF4021 Datasheet HTML 8Page - STMicroelectronics HCF4021 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
September 2013
DocID008216 Rev 3
1/13
HCF4021
Asynchronous parallel input or synchronous serial-in/serial-out
8-stage static shift register
Datasheet
- production data
Features
 Medium speed operation: 12 MHz (typ.) clock
rate at VDD - VSS = 10 V
 Fully static operation
 8 master-slave flip-flops plus output buffering
and control gating
 Quiescent current specified up to 20 V
 5 V, 10 V, and 15 V parametric ratings
 Input leakage current II = 100 nA (max.) at
VDD = 18 V, TA = 25 C
 100% tested for quiescent current
 ESD performance
– CDM: 1 kV
– HBM: 2 kV
– MM: 200 V
Applications
 Automotive
 Industrial
 Computer
 Consumer
Description
The HCF4021 is a monolithic integrated circuit
fabricated in metal oxide semiconductor
technology available in PDIP-16 and SO-16
packages.
This device is an 8-stage parallel or serial-
input/serial-output register having common clock
and parallel/serial control inputs, a single serial
data input, and individual parallel "jam" inputs to
each register stage. Each register stage is a D-
type, master-slave flip-flop in addition to an output
from stage 8. "Q" outputs are also available from
stages 6 and 7. Serial entry is synchronous with
the clock but parallel entry is asynchronous.
In this device, entry is controlled by the
parallel/serial control input. When the
parallel/serial control input is low, data are serially
shifted into the 8-stage register synchronously
with the positive transition of the clock line. When
the parallel/serial control input is high, data are
jammed into the 8-stage register via the parallel
input lines and synchronous with the positive
transition of the clock line. The clock input of the
internal stage is “forced” when asynchronous
parallel entry is made. Register expansion using
multiple packages is permitted.
PDIP-16
SO-16
Table 1. Device summary
Order code
Temperature range
Package
Packing
Marking
HCF4021M013TR
-55 ° C to +125 ° C
SO-16
Tape & reel
HCF4021
HCF4021YM013TR(1)
1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 & Q002 or equivalent.
-40 ° C to +125 ° C
SO-16
(automotive grade)(1)
HCF4021Y
HCF4021BEY
-55 ° C to +125 ° C
PDIP-16
Tube
HCF4021BE
www.st.com


Similar Part No. - HCF4021

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4021B STMICROELECTRONICS-HCF4021B Datasheet
301Kb / 13P
8-STAGE STATIC SHIFT REGISTERS
Nov-1996
HCF4021B STMICROELECTRONICS-HCF4021B Datasheet
239Kb / 11P
ASYNCHRONOUS PARALLEL IN OR SYNCHRONOUS SERIAL IN/SERIAL OUT 8 - STAGE STATIC SHIFT REGISTER
Sep-2001
HCF4021BC1 STMICROELECTRONICS-HCF4021BC1 Datasheet
301Kb / 13P
8-STAGE STATIC SHIFT REGISTERS
Nov-1996
HCF4021BEY STMICROELECTRONICS-HCF4021BEY Datasheet
301Kb / 13P
8-STAGE STATIC SHIFT REGISTERS
Nov-1996
HCF4021BEY STMICROELECTRONICS-HCF4021BEY Datasheet
239Kb / 11P
ASYNCHRONOUS PARALLEL IN OR SYNCHRONOUS SERIAL IN/SERIAL OUT 8 - STAGE STATIC SHIFT REGISTER
Sep-2001
More results

Similar Description - HCF4021

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4021BP TOSHIBA-TC4021BP Datasheet
290Kb / 7P
8-STAGE STATIC SHIFT REGISTER (ASYNCHRONOUS PARALLEL INPUT OF SYNCHRONOUS SERIAL INPUT SERAL INPUT/SERIAL OUTPUT)
logo
STMicroelectronics
HCF4021B STMICROELECTRONICS-HCF4021B Datasheet
239Kb / 11P
ASYNCHRONOUS PARALLEL IN OR SYNCHRONOUS SERIAL IN/SERIAL OUT 8 - STAGE STATIC SHIFT REGISTER
Sep-2001
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A_00 Datasheet
75Kb / 7P
Serial-In, Parallel-Out Shift Register
logo
Toshiba Semiconductor
TC4021BP TOSHIBA-TC4021BP_07 Datasheet
380Kb / 10P
8-Stage Static Shift Register (asynchronous parallel input or synchronous serial input/serial output)
logo
STMicroelectronics
HCF4014B STMICROELECTRONICS-HCF4014B Datasheet
225Kb / 10P
SYNCHRONOUS PARALLEL OR SERIAL IN/SERIAL OUT 8 - STAGE STATIC SHIFT REGISTER
Oct-2002
logo
NXP Semiconductors
74LVC595A NXP-74LVC595A Datasheet
119Kb / 19P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 01-29 May 2007
74LV595 PHILIPS-74LV595_15 Datasheet
129Kb / 20P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 03-21 April 2009
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Nexperia B.V. All right...
74LVC595A NEXPERIA-74LVC595A Datasheet
299Kb / 18P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 3 - 19 November 2021
74LV595 NEXPERIA-74LV595 Datasheet
279Kb / 17P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 5 - 29 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com