Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24512-R Datasheet(PDF) 31 Page - STMicroelectronics

Part # M24512-R
Description  Random and sequential read modes
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24512-R Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M24512-R Datasheet HTML 27Page - STMicroelectronics M24512-R Datasheet HTML 28Page - STMicroelectronics M24512-R Datasheet HTML 29Page - STMicroelectronics M24512-R Datasheet HTML 30Page - STMicroelectronics M24512-R Datasheet HTML 31Page - STMicroelectronics M24512-R Datasheet HTML 32Page - STMicroelectronics M24512-R Datasheet HTML 33Page - STMicroelectronics M24512-R Datasheet HTML 34Page - STMicroelectronics M24512-R Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
M24512-x, M24256-Bx
Package mechanical data
31/37
Figure 17.
WLCSP, 0.5 mm pitch, package outline
1.
Drawing is not to scale.
Table 21.
WLCSP, 0.5 mm pitch, package mechanical data
Symbol
Millimeters
Inches(1)
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Typ
Min
Max
Typ
Min
Max
A
0.60
0.55
0.65
0.0236
0.0217
0.0256
A1
0.245
0.22
0.27
0.0096
0.0087
0.0106
A2
0.355
0.330
0.380
0.0140
0.0130
0.0150
B
Ø 0.311
Ø 0.0122
D
1.97
1.95
1.99
0.0776
0.0768
0.0783
E
1.785
1.765
1.805
0.0703
0.0695
0.0711
e
0.5
0.0197
e1
0.866
0.0341
e2
0.25
0.0098
e3
0.433
0.0170
F
0.552
0.502
0.602
0.0217
0.0198
0.0237
G
0.392
0.342
0.442
0.0154
0.0135
0.0174
N(2)
2.
N is the total number of terminals.
8
8
D
E
e2
G
32
1
B
e
A
B
C
D
E
F
e3
e1
Orientation reference
A1
A
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com