Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24512-R Datasheet(PDF) 1 Page - STMicroelectronics

Part # M24512-R
Description  Random and sequential read modes
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24512-R Datasheet(HTML) 1 Page - STMicroelectronics

  M24512-R Datasheet HTML 1Page - STMicroelectronics M24512-R Datasheet HTML 2Page - STMicroelectronics M24512-R Datasheet HTML 3Page - STMicroelectronics M24512-R Datasheet HTML 4Page - STMicroelectronics M24512-R Datasheet HTML 5Page - STMicroelectronics M24512-R Datasheet HTML 6Page - STMicroelectronics M24512-R Datasheet HTML 7Page - STMicroelectronics M24512-R Datasheet HTML 8Page - STMicroelectronics M24512-R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
January 2009
Rev 13
1/37
1
M24512-x
M24256-Bx
512 Kbit and 256 Kbit serial I²C bus EEPROM
with three Chip Enable lines
Features
■ Supports the I2C bus 100 kHz Standard-mode,
400 kHz Fast-mode and 1 MHz Fast-mode
Plus
■ Supply voltage ranges:
– 1.7 V to 5.5 V (M24256-BF)
– 1.8 V to 5.5 V (M24xxx-R)
– 2.5 V to 5.5 V (M24xxx-W)
■ Write Control input
■ Byte and Page Write
■ Random and sequential read modes
■ Self-timed programming cycle
■ Automatic address incrementing
■ Enhanced ESD/latch-up protection
■ More than 1 000 000 write cycles
■ More than 40-year data retention
■ Packages
–ECOPACK® (RoHS compliant)
Table 1.
Device summary
Reference
Part numbers
M24512-x
M24512-R, M24512-HR, M24512-W
M24256-Bx
M24256-BF, M24256-BR,
M24256-BHR, M24256-BW
SO8 (MW)
208 mils width
TSSOP8 (DW)
SO8 (MN)
150 mils width
WLCSP (CS)
www.st.com


Similar Part No. - M24512-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24512-R STMICROELECTRONICS-M24512-R Datasheet
265Kb / 31P
512 Kbit and 256 Kbit Serial I2C bus EEPROM with three Chip Enable lines
16-Oct-2006
M24512-R STMICROELECTRONICS-M24512-R Datasheet
321Kb / 35P
512 Kbit and 256 Kbit serial I짼C bus EEPROM with three Chip Enable lines
22-Apr-2008
M24512-R STMICROELECTRONICS-M24512-R Datasheet
737Kb / 47P
512-Kbit serial I²C bus EEPROM
06-Oct-2020
M24512-RBN6 STMICROELECTRONICS-M24512-RBN6 Datasheet
127Kb / 24P
512 Kbit Serial I® Bus EEPROM
22-Feb-2005
M24512-RBN6T STMICROELECTRONICS-M24512-RBN6T Datasheet
127Kb / 24P
512 Kbit Serial I® Bus EEPROM
22-Feb-2005
More results

Similar Description - M24512-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM93CS06 FAIRCHILD-FM93CS06 Datasheet
172Kb / 16P
(MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS46 FAIRCHILD-FM93CS46 Datasheet
172Kb / 16P
(MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS56 FAIRCHILD-FM93CS56 Datasheet
171Kb / 16P
(MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS66 FAIRCHILD-FM93CS66 Datasheet
171Kb / 16P
(MICROWIRE??Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS06 FAIRCHILD-NM93CS06 Datasheet
164Kb / 16P
(MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS46 FAIRCHILD-NM93CS46 Datasheet
163Kb / 16P
(MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
logo
Advanced Micro Devices
AM99CL641 AMD-AM99CL641 Datasheet
415Kb / 19P
66,536x1 Static Read/Write Random-Access Memory
logo
Integrated Silicon Solu...
IS42VM83200D ISSI-IS42VM83200D Datasheet
490Kb / 23P
Sequential and Interleave
logo
Micross Components
MYX29W640GB70ZABG MICROSS-MYX29W640GB70ZABG Datasheet
789Kb / 56P
Asynchronous random/page read
logo
SHANGHAI BELLING CO., L...
BL24C64A BELLING-BL24C64A Datasheet
587Kb / 17P
Random and sequential Read modes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com