Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24512-R Datasheet(PDF) 36 Page - STMicroelectronics

Part # M24512-R
Description  Random and sequential read modes
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24512-R Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M24512-R Datasheet HTML 29Page - STMicroelectronics M24512-R Datasheet HTML 30Page - STMicroelectronics M24512-R Datasheet HTML 31Page - STMicroelectronics M24512-R Datasheet HTML 32Page - STMicroelectronics M24512-R Datasheet HTML 33Page - STMicroelectronics M24512-R Datasheet HTML 34Page - STMicroelectronics M24512-R Datasheet HTML 35Page - STMicroelectronics M24512-R Datasheet HTML 36Page - STMicroelectronics M24512-R Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
Revision history
M24512-x, M24256-Bx
36/37
14-Dec-2007
9
1 MHz frequency introduced (M24512-HR root part number).
Section 2.6.3: Device reset modified.
Figure 5: M24256-BF, M24xxx-R/W – Maximum Rbus value versus bus
parasitic capacitance (Cbus) for an I
2C bus at maximum frequency f
C =
400 kHz modified, Figure 6: M24xxx-HR – Maximum Rbus value versus
bus parasitic capacitance (Cbus) for an I
2C bus at maximum frequency f
C
= 1 MHz added.
tNS moved from Table 12 to Table 16. ILO test conditions modified in
Table 13.
Table 14: DC characteristics (M24xxx-R and M24xxx-HR) and Table 17: 1
MHz AC characteristics (M24xxx-HR, see Table 9 and Table 11) modified.
Small text changes.
27-Mar-2008
10
Small text changes. M24256-BHR root part number added.
Section 2.6.3: Device reset on page 9 updated.
Figure 6: M24xxx-HR – Maximum Rbus value versus bus parasitic
capacitance (Cbus) for an I
2C bus at maximum frequency f
C = 1 MHz on
page 10 updated.
Caution removed in Section 3.9: ECC (error correction code) and write
cycling.
22-Apr-2008
11
M24512-W and M24256-BW offered in the device grade 3 option
(automotive temperature range):
– Table 8: Operating conditions (M24xxx-W),
– Table 13: DC characteristics (M24xxx-W),
– /AB Process letters added to Table 22: Ordering information scheme,
– Table 23: Available M24256-Bx products (package, voltage range,
temperature grade) and
– Table 24: Available M24512-x products (package, voltage range,
temperature grade) updated accordingly).
Small text changes.
22-Dec-2008
12
WLCSP package added (see Figure 3: WLCSP connections (top view,
marking side, with balls on the underside) and Section 7: Package
mechanical data).
21-Jan-2009
13
M24256-BF part number added (VCC = 1.7 V to 5.5 V voltage range
added, see Table 10, Table 15, Table 16 and Table 23).
ICC1 test conditions modified in Table 13: DC characteristics (M24xxx-W),
Table 14: DC characteristics (M24xxx-R and M24xxx-HR) and Table 15:
DC characteristics (M24256-BF).
Table 25.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com