Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24512-R Datasheet (PDF) - STMicroelectronics

M24512-R Datasheet PDF - STMicroelectronics
Part # M24512-R
Download  M24512-R Download
File Size   737.36 Kbytes
Page   47 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 512-Kbit serial I²C bus EEPROM

M24512-R Datasheet (PDF)

Go To PDF Page Download Datasheet
M24512-R Datasheet PDF - STMicroelectronics

Part # M24512-R
Download  M24512-R Click to download

File Size   737.36 Kbytes
Page   47 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 512-Kbit serial I²C bus EEPROM

M24512-R Datasheet (HTML) - STMicroelectronics


M24512-R Product details

Features
• Compatible with following I2C bus modes:
– 1 MHz
– 400 kHz
– 100 kHz
• Memory array:
– 512 Kbit (64 Kbyte) of EEPROM
– Page size: 128 byte
– Additional write lockable page (M24512-D order codes)
• Single supply voltage and high speed:
– 1 MHz clock from 1.7 V to 5.5 V
• Write time:
– Byte write within 5 ms
– Page write within 5 ms
• Operating temperature range:
– -40 °C up to +85 °C
• Random and sequential read modes
• Write protect of the whole memory array
• Enhanced ESD/latch-Up protection
• More than 4 million write cycles
• More than 200-years data retention
• Packages:
– SO8 ECOPACK2®
– TSSOP8 ECOPACK2®
– UFDFPN8 ECOPACK2®
– WLCSP ECOPACK2®
– Unsawn wafer (each die is tested)




Similar Part No. - M24512-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24512-R STMICROELECTRONICS-M24512-R Datasheet
265Kb / 31P
512 Kbit and 256 Kbit Serial I2C bus EEPROM with three Chip Enable lines
16-Oct-2006
M24512-R STMICROELECTRONICS-M24512-R Datasheet
321Kb / 35P
512 Kbit and 256 Kbit serial I짼C bus EEPROM with three Chip Enable lines
22-Apr-2008
M24512-R STMICROELECTRONICS-M24512-R Datasheet
345Kb / 37P
Random and sequential read modes
21-Jan-2009
M24512-RBN6 STMICROELECTRONICS-M24512-RBN6 Datasheet
127Kb / 24P
512 Kbit Serial I® Bus EEPROM
22-Feb-2005
M24512-RBN6T STMICROELECTRONICS-M24512-RBN6T Datasheet
127Kb / 24P
512 Kbit Serial I® Bus EEPROM
22-Feb-2005
More results


Similar Description - M24512-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24512 STMICROELECTRONICS-M24512 Datasheet
127Kb / 24P
512 Kbit Serial I® Bus EEPROM
22-Feb-2005
logo
Microchip Technology
25AA512 MICROCHIP-25AA512 Datasheet
620Kb / 32P
512 Kbit SPI Bus Serial EEPROM
2007
25AA512 MICROCHIP-25AA512_10 Datasheet
670Kb / 36P
512 Kbit SPI Bus Serial EEPROM
2010
25LC512 MICROCHIP-25LC512_10 Datasheet
664Kb / 36P
512 Kbit SPI Bus Serial EEPROM
2010
logo
STMicroelectronics
M24512-W STMICROELECTRONICS-M24512-W_12 Datasheet
401Kb / 40P
512-Kbit serial I짼C bus EEPROM
17-Sep-2012
logo
Microchip Technology
25A512 MICROCHIP-25A512 Datasheet
392Kb / 34P
512 Kbit SPI Bus Serial EEPROM
05/02/11
logo
STMicroelectronics
M95512-RMN6P STMICROELECTRONICS-M95512-RMN6P Datasheet
1Mb / 50P
512-Kbit serial SPI bus EEPROM
03-Jun-2013
M24512-125 STMICROELECTRONICS-M24512-125 Datasheet
293Kb / 30P
Automotive 512-Kbit serial IC bus EEPROM
13-Mar-2012
M95512-DRE STMICROELECTRONICS-M95512-DRE Datasheet
749Kb / 41P
512-Kbit serial SPI bus EEPROM - 105 C operation
29-Jan-2015
logo
Microchip Technology
25LC512 MICROCHIP-25LC512_14 Datasheet
502Kb / 30P
512 Kbit SPI Bus Serial EEPROM
10/28/13
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com