Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24512-R Datasheet(PDF) 2 Page - STMicroelectronics

Part # M24512-R
Description  512-Kbit serial I²C bus EEPROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24512-R Datasheet(HTML) 2 Page - STMicroelectronics

  M24512-R Datasheet HTML 1Page - STMicroelectronics M24512-R Datasheet HTML 2Page - STMicroelectronics M24512-R Datasheet HTML 3Page - STMicroelectronics M24512-R Datasheet HTML 4Page - STMicroelectronics M24512-R Datasheet HTML 5Page - STMicroelectronics M24512-R Datasheet HTML 6Page - STMicroelectronics M24512-R Datasheet HTML 7Page - STMicroelectronics M24512-R Datasheet HTML 8Page - STMicroelectronics M24512-R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
1
Description
The M24512 is a 512-Kbit I2C-compatible EEPROM (electrically erasable programmable memory) organized as
64 K × 8 bits.
The M24512-W can operate with a supply voltage from 2.5 V to 5.5 V, the M24512-R can operate with a supply
voltage from 1.8 V to 5.5 V, and the M24512-DF can operate with a supply voltage from 1.7 V to 5.5 V. All these
devices operate with a clock frequency of 1 MHz (or less), over an ambient temperature range of –40 °C / +85 °C.
The M24512-D offers an additional page, named the identification page (128 byte). The identification page can be
used to store sensitive application parameters which can be (later) permanently locked in read-only mode.
Figure 1. Logic diagram
3
E0-E2
SDA
VCC
M24xxx
WC
SCL
VSS
Table 1. Signal names
Signal name
Function
Direction
E2, E1, E0
Chip enable
Input
SDA
Serial data
I/O
SCL
Serial clock
Input
WC
Write control
Input
VCC
Supply voltage
-
VSS
Ground
-
Figure 2. 8-pin package connections, top view
SDA
VSS
SCL
WC
E1
E0
VCC
E2
1
2
3
4
8
7
6
5
M24512-W M24512-R M24512-DF
Description
DS6520 - Rev 31
page 2/47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com