Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24512-R Datasheet(PDF) 40 Page - STMicroelectronics

Part # M24512-R
Description  512-Kbit serial I²C bus EEPROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24512-R Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M24512-R Datasheet HTML 36Page - STMicroelectronics M24512-R Datasheet HTML 37Page - STMicroelectronics M24512-R Datasheet HTML 38Page - STMicroelectronics M24512-R Datasheet HTML 39Page - STMicroelectronics M24512-R Datasheet HTML 40Page - STMicroelectronics M24512-R Datasheet HTML 41Page - STMicroelectronics M24512-R Datasheet HTML 42Page - STMicroelectronics M24512-R Datasheet HTML 43Page - STMicroelectronics M24512-R Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
Table 25. Ordering information scheme (unsawn wafer)
Example:
M24
512 -
D
F
K
W
20
I
/90
Device type
M24 = I2C serial access EEPROM
Device function
512 = 512 Kbit (64 K x 8 bit)
Device family
D = With identification page
Operating voltage
F = VCC = 1.7 V to 5.5 V
Process
K = F8H
Delivery form
W =Unsawn wafer
Wafer thickness
20 = Non-backlapped wafer
Wafer testing
I = Inkless test
Device grade
90 = -40°C to 85°C
Note:
For all information concerning the M24512 delivered in unsawn wafer, please contact your nearest ST Sales
Office.
Note:
Parts marked as ES or E or accompanied by an Engineering Sample notification letter are not yet qualified and
therefore not approved for use in production. ST is not responsible for any consequences resulting from such
use. In no event will ST be liable for the customer using any of these engineering samples in production. ST’s
Quality department must be contacted prior to any decision to use these engineering samples to run a
qualification activity.
M24512-W M24512-R M24512-DF
Ordering information
DS6520 - Rev 31
page 40/47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com