Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24512-R Datasheet(PDF) 46 Page - STMicroelectronics

Part # M24512-R
Description  512-Kbit serial I²C bus EEPROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24512-R Datasheet(HTML) 46 Page - STMicroelectronics

Back Button M24512-R Datasheet HTML 39Page - STMicroelectronics M24512-R Datasheet HTML 40Page - STMicroelectronics M24512-R Datasheet HTML 41Page - STMicroelectronics M24512-R Datasheet HTML 42Page - STMicroelectronics M24512-R Datasheet HTML 43Page - STMicroelectronics M24512-R Datasheet HTML 44Page - STMicroelectronics M24512-R Datasheet HTML 45Page - STMicroelectronics M24512-R Datasheet HTML 46Page - STMicroelectronics M24512-R Datasheet HTML 47Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 46 / 47 page
background image
List of figures
Figure 1.
Logic diagram..................................................................... 2
Figure 2.
8-pin package connections, top view ..................................................... 2
Figure 3.
WLCSP connections ................................................................ 3
Figure 4.
Chip enable inputs connection ......................................................... 4
Figure 5.
Block diagram .................................................................... 6
Figure 6.
I2C bus protocol ................................................................... 7
Figure 7.
Write mode sequences with WC = 0 (data write enabled) ...................................... 11
Figure 8.
Write mode sequences with WC = 1 (data write inhibited)...................................... 12
Figure 9.
Write cycle polling flowchart using ACK .................................................. 14
Figure 10.
Read mode sequences ............................................................. 15
Figure 11.
AC measurement I/O waveform ....................................................... 21
Figure 12.
Maximum Rbus value versus bus parasitic capacitance (Cbus) for an I2C bus at maximum frequency fC = 400 kHz
.............................................................................. 27
Figure 13.
Maximum Rbus value versus bus parasitic capacitance (Cbus) for an I2C bus at maximum frequency fC = 1MHz 27
Figure 14.
AC waveforms ................................................................... 28
Figure 15.
UFDFPN8 - Outline ................................................................ 29
Figure 16.
UFDFPN8 - Recommended footprint .................................................... 30
Figure 17.
TSSOP8 – Outline ................................................................ 31
Figure 18.
TSSOP8 – Recommended footprint..................................................... 32
Figure 19.
SO8N – Outline .................................................................. 33
Figure 20.
SO8N - Recommended footprint ....................................................... 34
Figure 21.
WLCSP8 - Outline................................................................. 35
Figure 22.
WLCSP8 - Recommended footprint..................................................... 36
Figure 23.
WLCSP8 - Outline................................................................. 37
Figure 24.
WLCSP8 - Recommended footprint..................................................... 38
M24512-W M24512-R M24512-DF
List of figures
DS6520 - Rev 31
page 46/47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com