Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24512-R Datasheet(PDF) 41 Page - STMicroelectronics

Part # M24512-R
Description  512-Kbit serial I²C bus EEPROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24512-R Datasheet(HTML) 41 Page - STMicroelectronics

Back Button M24512-R Datasheet HTML 37Page - STMicroelectronics M24512-R Datasheet HTML 38Page - STMicroelectronics M24512-R Datasheet HTML 39Page - STMicroelectronics M24512-R Datasheet HTML 40Page - STMicroelectronics M24512-R Datasheet HTML 41Page - STMicroelectronics M24512-R Datasheet HTML 42Page - STMicroelectronics M24512-R Datasheet HTML 43Page - STMicroelectronics M24512-R Datasheet HTML 44Page - STMicroelectronics M24512-R Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
Revision history
Table 26. Document revision history
Date
Revision
Changes
31-Jan-2011
22
Updated Table 7, Table 13, Table 16 and Table 17.
Added note (2) to Table 14.
Deleted Table 22: Available M24512-W and M24512-R products (package, voltage
range, temperature grade) and Table 23: Available M24512-DR products (package,
voltage range, temperature grade).
01-Mar-2012
23
– Deleted reference “M24512-DR” and inserted reference “M24512-DF”.
– Updated data regarding package UFDFPN8.
– Updated Section 1: Description.
– Added Figure 4 and updated title of Figure 3.
– Updated VESD value in Table 7: Absolute maximum ratings, note (1) under Table
13 and ICC value in Table 14.
– Added Table 10: Operating conditions (voltage range F) and Table 15: DC
characteristics (voltage range F).
– Added values tWLDL and tDHWH in Table 16: 400 kHz AC characteristics and Table
17: 1 MHz AC characteristics.
– Replaced Figure 14.
12-Apr-2012
24
Updated Section 1: Description.
25-Jun-2012
25
Datasheet split into:
– M24512-125 datasheet for automotive products (range 3),
– M24512-W M24512-R M24512-DR M24512-DF for standard products (range 6,
this datasheet rev 25).
Deleted:
– SO8W package
– UFDFPN8 (MLP8): MB version package
– WLCSP (KA die) dimensions
Added:
– Reference M24512-DR
– Table 12: Cycling performance
– Table 13: Memory cell data retention
Updated:
– Figure 12: Maximum Rbus value versus bus parasitic capacitance (Cbus) for an
I2C bus at maximum frequency fC = 400 kHz
– Figure 13: Maximum Rbus value versus bus parasitic capacitance Cbus) for an
I2C bus at maximum frequency fC = 1MHz
17-Sep-2012
26
Updated Section 5.2.2: Current Address Read.
Modified Figure 3: WLCSP connections and Figure
M24512-W M24512-R M24512-DF
DS6520 - Rev 31
page 41/47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com