Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24512-R Datasheet(PDF) 1 Page - STMicroelectronics

Part # M24512-R
Description  512-Kbit serial I²C bus EEPROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24512-R Datasheet(HTML) 1 Page - STMicroelectronics

  M24512-R Datasheet HTML 1Page - STMicroelectronics M24512-R Datasheet HTML 2Page - STMicroelectronics M24512-R Datasheet HTML 3Page - STMicroelectronics M24512-R Datasheet HTML 4Page - STMicroelectronics M24512-R Datasheet HTML 5Page - STMicroelectronics M24512-R Datasheet HTML 6Page - STMicroelectronics M24512-R Datasheet HTML 7Page - STMicroelectronics M24512-R Datasheet HTML 8Page - STMicroelectronics M24512-R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
TSSOP8 (DW)
169 mil width
SO8N (MN)
150 mil width
UFDFPN8 (MC)
DFN8 - 2x3 mm
WLSCP (CU)
WLSCP (CS)
Unsawn wafer
Features
•
Compatible with following I2C bus modes:
–
1 MHz
–
400 kHz
–
100 kHz
•
Memory array:
–
512 Kbit (64 Kbyte) of EEPROM
–
Page size: 128 byte
–
Additional write lockable page (M24512-D order codes)
•
Single supply voltage and high speed:
–
1 MHz clock from 1.7 V to 5.5 V
•
Write time:
–
Byte write within 5 ms
–
Page write within 5 ms
•
Operating temperature range:
–
-40 °C up to +85 °C
•
Random and sequential read modes
•
Write protect of the whole memory array
•
Enhanced ESD/latch-Up protection
•
More than 4 million write cycles
•
More than 200-years data retention
•
Packages:
–
SO8 ECOPACK2®
–
TSSOP8 ECOPACK2®
–
UFDFPN8 ECOPACK2®
–
WLCSP ECOPACK2®
–
Unsawn wafer (each die is tested)
Product status link
M24512-W
M24512-R
M24512-DF
512-Kbit serial I²C bus EEPROM
M24512-W M24512-R M24512-DF
Datasheet
DS6520 - Rev 31 - October 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - M24512-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24512-R STMICROELECTRONICS-M24512-R Datasheet
265Kb / 31P
512 Kbit and 256 Kbit Serial I2C bus EEPROM with three Chip Enable lines
16-Oct-2006
M24512-R STMICROELECTRONICS-M24512-R Datasheet
321Kb / 35P
512 Kbit and 256 Kbit serial I짼C bus EEPROM with three Chip Enable lines
22-Apr-2008
M24512-R STMICROELECTRONICS-M24512-R Datasheet
345Kb / 37P
Random and sequential read modes
21-Jan-2009
M24512-RBN6 STMICROELECTRONICS-M24512-RBN6 Datasheet
127Kb / 24P
512 Kbit Serial I® Bus EEPROM
22-Feb-2005
M24512-RBN6T STMICROELECTRONICS-M24512-RBN6T Datasheet
127Kb / 24P
512 Kbit Serial I® Bus EEPROM
22-Feb-2005
More results

Similar Description - M24512-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24512 STMICROELECTRONICS-M24512 Datasheet
127Kb / 24P
512 Kbit Serial I® Bus EEPROM
22-Feb-2005
logo
Microchip Technology
25AA512 MICROCHIP-25AA512 Datasheet
620Kb / 32P
512 Kbit SPI Bus Serial EEPROM
2007
25AA512 MICROCHIP-25AA512_10 Datasheet
670Kb / 36P
512 Kbit SPI Bus Serial EEPROM
2010
25LC512 MICROCHIP-25LC512_10 Datasheet
664Kb / 36P
512 Kbit SPI Bus Serial EEPROM
2010
logo
STMicroelectronics
M24512-W STMICROELECTRONICS-M24512-W_12 Datasheet
401Kb / 40P
512-Kbit serial I짼C bus EEPROM
17-Sep-2012
logo
Microchip Technology
25A512 MICROCHIP-25A512 Datasheet
392Kb / 34P
512 Kbit SPI Bus Serial EEPROM
05/02/11
logo
STMicroelectronics
M95512-RMN6P STMICROELECTRONICS-M95512-RMN6P Datasheet
1Mb / 50P
512-Kbit serial SPI bus EEPROM
03-Jun-2013
M24512-125 STMICROELECTRONICS-M24512-125 Datasheet
293Kb / 30P
Automotive 512-Kbit serial IC bus EEPROM
13-Mar-2012
M95512-DRE STMICROELECTRONICS-M95512-DRE Datasheet
749Kb / 41P
512-Kbit serial SPI bus EEPROM - 105 C operation
29-Jan-2015
logo
Microchip Technology
25LC512 MICROCHIP-25LC512_14 Datasheet
502Kb / 30P
512 Kbit SPI Bus Serial EEPROM
10/28/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com