Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95010-W Datasheet(PDF) 21 Page - STMicroelectronics

Part # M95010-W
Description  Compatible with SPI bus serial interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95010-W Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M95010-W Datasheet HTML 17Page - STMicroelectronics M95010-W Datasheet HTML 18Page - STMicroelectronics M95010-W Datasheet HTML 19Page - STMicroelectronics M95010-W Datasheet HTML 20Page - STMicroelectronics M95010-W Datasheet HTML 21Page - STMicroelectronics M95010-W Datasheet HTML 22Page - STMicroelectronics M95010-W Datasheet HTML 23Page - STMicroelectronics M95010-W Datasheet HTML 24Page - STMicroelectronics M95010-W Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
DocID6512 Rev 13
21/46
M950x0-W M950x0-R M950x0-DF
Instructions
45
6.4
Write Status Register (WRSR)
A Write Status Register (WRSR) instruction allows new values to be written to the Status
register. Before it can be accepted, a Write Enable (WREN) instruction must previously have
been executed.
The WRSR instruction is entered by driving Chip Select (S) low, sending the instruction
code followed by the data byte on Serial Data input (D), and driving the Chip Select (S)
signal high. Chip Select (S) must be driven high after the rising edge of Serial Clock (C) that
latches in the eighth bit of the data byte, and before the next rising edge of Serial Clock (C).
Otherwise, the WRSR instruction is not executed.
Driving the Chip Select (S) signal high at a byte boundary of the input data triggers the self-
timed write cycle that takes tW to complete (as specified in Table 16: DC characteristics
(M950x0-W, device grade 6) to Table 19: AC characteristics (M950x0-R or M95040-DF,
device grade 6)). The instruction sequence is shown in Figure 10: Write Status Register
(WRSR) sequence.
While the Write Status Register cycle is in progress, the Status register may still be read to
check the value of the Write in progress (WIP) bit: the WIP bit is 1 during the self-timed write
cycle tW, and, 0 when the write cycle is complete. The WEL bit (Write enable latch) is also
reset at the end of the write cycle tW.
The WRSR instruction allows the user to change the values of the BP1, BP0 bits which
define the size of the area that is to be treated as read only, as defined in Table 3: Write-
protected block size. The contents of the BP1, BP0 bits are updated after the completion of
the WRSR instruction, including the tW write cycle.
The WRSR instruction has no effect on the b7, b6, b5, b4, b1 and b0 bits in the Status
register which are always read as 0.
Figure 10. Write Status Register (WRSR) sequence
The WRSR instruction is not accepted, and is not executed, under the following conditions:
•
if the Write Enable Latch (WEL) bit has not been set to 1 (by executing a Write Enable
instruction just before)
•
if a write cycle is already in progress
•
if the device has not been deselected, by Chip Select (S) being driven high, after the
eighth bit, b0, of the data byte has been latched in
•
if Write Protect (W) is low during the WRSR command (instruction, address and data)
C
D
AI01445B
S
Q
2
1
3456789 10 11 12 13 14 15
High Impedance
Instruction
Status
Register In
0
765432
0
1
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com