Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95010-W Datasheet(PDF) 41 Page - STMicroelectronics

Part # M95010-W
Description  Compatible with SPI bus serial interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95010-W Datasheet(HTML) 41 Page - STMicroelectronics

Back Button M95010-W Datasheet HTML 37Page - STMicroelectronics M95010-W Datasheet HTML 38Page - STMicroelectronics M95010-W Datasheet HTML 39Page - STMicroelectronics M95010-W Datasheet HTML 40Page - STMicroelectronics M95010-W Datasheet HTML 41Page - STMicroelectronics M95010-W Datasheet HTML 42Page - STMicroelectronics M95010-W Datasheet HTML 43Page - STMicroelectronics M95010-W Datasheet HTML 44Page - STMicroelectronics M95010-W Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
DocID6512 Rev 13
41/46
M950x0-W M950x0-R M950x0-DF
Package mechanical data
45
Figure 23. TSSOP8 8-lead thin shrink small outline, package outline
1. Drawing is not to scale.
Table 23. TSSOP8 8-lead thin shrink small outline, package mechanical data
Symbol
Millimeters
Inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Typ.
Min.
Max.
Typ.
Min.
Max.
A
-
-
1.2
-
-
0.0472
A1
-
0.05
0.15
-
0.002
0.0059
A2
1
0.8
1.05
0.0394
0.0315
0.0413
b
-
0.19
0.3
-
0.0075
0.0118
c
-
0.09
0.2
-
0.0035
0.0079
CP
-
-
0.1
-
-
0.0039
D
3
2.9
3.1
0.1181
0.1142
0.122
e
0.65
-
-
0.0256
-
-
E
6.4
6.2
6.6
0.252
0.2441
0.2598
E1
4.4
4.3
4.5
0.1732
0.1693
0.1772
L
0.6
0.45
0.75
0.0236
0.0177
0.0295
L1
1
-
-
0.0394
-
-
α
-0°
8°-
0°
8°
N (number of leads)
8
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com