Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95040-DF Datasheet(PDF) 16 Page - STMicroelectronics

Part # M95040-DF
Description  Compatible with SPI bus serial interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-DF Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M95040-DF Datasheet HTML 12Page - STMicroelectronics M95040-DF Datasheet HTML 13Page - STMicroelectronics M95040-DF Datasheet HTML 14Page - STMicroelectronics M95040-DF Datasheet HTML 15Page - STMicroelectronics M95040-DF Datasheet HTML 16Page - STMicroelectronics M95040-DF Datasheet HTML 17Page - STMicroelectronics M95040-DF Datasheet HTML 18Page - STMicroelectronics M95040-DF Datasheet HTML 19Page - STMicroelectronics M95040-DF Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
Instructions
M950x0-W M950x0-R M950x0-DF
16/46
DocID6512 Rev 13
6
Instructions
Each command is composed of bytes (MSBit transmitted first), initiated with the instruction
byte, as summarized in Table 4.
If an invalid instruction is sent (one not contained in Table 4), the device automatically enters
a Wait state until deselected.
Table 4. Instruction set
Instruction
Description
Instruction
format
WREN
Write Enable
0000 X110(1)
1. X = Don’t Care.
WRDI
Write Disable
0000 X100(1)
RDSR
Read Status Register
0000 X101(1)
WRSR
Write Status Register
0000 X001(1)
READ
Read from Memory Array
0000 A8011(2)
2. For M95040, A8 = 1 for the upper half of the memory array and 0 for the lower half, while for M95010 and
M95020, A8 is Don’t Care.
WRITE
Write to Memory Array
0000 A8010(2)
RDID(3)
3. Available only for the M95040-DF device.
Read Identification Page
1000 0011
WRID(3)
Write Identification Page
1000 0010
RDLS(3)
Reads the Identification Page lock status.
1000 0011
LID(3)
Locks the Identification page in read-only mode.
1000 0010
Table 5. Significant bits within the address byte(1)(2)
1. A: Significant address bit.
2. x: bit is Don’t Care.
Instructions
Bit b3 of the
instruction byte
Address byte
b7
b6
b5
b4
b3
b2
b1
b0
READ or WRITE
A8/x(3)
3. For M95040, A8 = 1 for the upper half of the memory array and 0 for the lower half, while for M95010 and
M95020, A8 is Don’t Care.
A7
A6
A5
A4
A3
A2
A1
A0
RDID or WRID
0
0000
A3
A2
A1
A0
RDLS or LID
0
10000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com