Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95040-DF Datasheet(PDF) 37 Page - STMicroelectronics

Part # M95040-DF
Description  Compatible with SPI bus serial interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-DF Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M95040-DF Datasheet HTML 33Page - STMicroelectronics M95040-DF Datasheet HTML 34Page - STMicroelectronics M95040-DF Datasheet HTML 35Page - STMicroelectronics M95040-DF Datasheet HTML 36Page - STMicroelectronics M95040-DF Datasheet HTML 37Page - STMicroelectronics M95040-DF Datasheet HTML 38Page - STMicroelectronics M95040-DF Datasheet HTML 39Page - STMicroelectronics M95040-DF Datasheet HTML 40Page - STMicroelectronics M95040-DF Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
DocID6512 Rev 13
37/46
M950x0-W M950x0-R M950x0-DF
DC and AC parameters
45
Table 20. AC characteristics (M950x0-W, device grade 6)(1)
1. Not recommended for new designs, for new designs refer to Table 18: AC characteristics (M950x0-W,
device grade 6)
Test conditions specified in Table 9 and Table 12
Symbol
Alt.
Parameter
Min.
Max.
Unit
fC
fSCK
Clock frequency
D.C.
10
MHz
tSLCH
tCSS1
S active setup time
15
-
ns
tSHCH
tCSS2
S not active setup time
15
-
ns
tSHSL
tCS
S deselect time
40
-
ns
tCHSH
tCSH
S active hold time
25
-
ns
tCHSL
-S not active hold time
15
-
ns
tCH(2)
2. tCH + tCL must never be less than the shortest possible clock period, 1 / fC(max)
tCLH
Clock high time
40
-
ns
tCL(2)
tCLL
Clock low time
40
-
ns
tCLCH(3)
3. Value guaranteed by characterization, not 100% tested in production.
tRC
Clock rise time
-
1
µs
tCHCL(3)
tFC
Clock fall time
-
1
µs
tDVCH
tDSU
Data in setup time
15
-
ns
tCHDX
tDH
Data in hold time
15
-
ns
tHHCH
-
Clock low hold time after HOLD not active
15
-
ns
tHLCH
-
Clock low hold time after HOLD active
20
-
ns
tCLHL
-
Clock low setup time before HOLD active
0
-
ns
tCLHH
-
Clock low setup time before HOLD not active
0
-
ns
tSHQZ(3)
tDIS
Output disable time
-
25
ns
tCLQV
tV
Clock low to output valid
-
35
ns
tCLQX
tHO
Output hold time
0
-
ns
tQLQH(3)
tRO
Output rise time
-
20
ns
tQHQL(3)
tFO
Output fall time
-
20
ns
tHHQV
tLZ
HOLD high to output valid
-
25
ns
tHLQZ(3)
tHZ
HOLD low to output high-Z
-
35
ns
tW
tWC
Write time
-
5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com