Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95040-DF Datasheet(PDF) 20 Page - STMicroelectronics

Part # M95040-DF
Description  Compatible with SPI bus serial interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-DF Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M95040-DF Datasheet HTML 16Page - STMicroelectronics M95040-DF Datasheet HTML 17Page - STMicroelectronics M95040-DF Datasheet HTML 18Page - STMicroelectronics M95040-DF Datasheet HTML 19Page - STMicroelectronics M95040-DF Datasheet HTML 20Page - STMicroelectronics M95040-DF Datasheet HTML 21Page - STMicroelectronics M95040-DF Datasheet HTML 22Page - STMicroelectronics M95040-DF Datasheet HTML 23Page - STMicroelectronics M95040-DF Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
Instructions
M950x0-W M950x0-R M950x0-DF
20/46
DocID6512 Rev 13
6.3.3
BP1, BP0 bits
The Block Protect (BP1, BP0) bits are non-volatile. They define the size of the area to be
software protected against Write instructions. These bits are written with the Write Status
Register (WRSR) instruction. When one or both of the Block Protect (BP1, BP0) bits is set to
1, the relevant memory area (as defined in Table 3: Write-protected block size) becomes
protected against Write (WRITE) instructions. The Block Protect (BP1, BP0) bits can be
written provided that the Hardware Protected mode has not been set.
Figure 9. Read Status Register (RDSR) sequence
C
D
S
2
1
3456789 10 11 12 13 14 15
Instruction
0
AI01444D
Q
7
6543210
Status Register Out
High Impedance
MSB
7
6543210
Status Register Out
MSB
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com