Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6C1608 Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS6C1608
Description  Fully static operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C1608 Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS6C1608 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6C1608 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6C1608 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C1608 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C1608 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C1608 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C1608 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C1608 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C1608 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AS6C1608
Rev. 1.1
2048K X 8 BIT LOW POWER CMOS SRAM
Alliance Memory Inc.reserves the rights to change the specifications and products without notice.
Alliance Memory, Inc.
551 Taylor Way, Suite #1, San Carlos, CA 94070, USA
Tel: +1 650 610 6800 Fax: +1 650 620 9211
1
FEATURES
Fast access time : 55/70ns
Low power consumption:
Operating current : 45/30mA (TYP.)
Standby current : 4
A (TYP.) SL-version
Single 2.7V ~ 3.6V power supply
All inputs and outputs TTL compatible
Fully static operation
Tri-state output
Data retention voltage : 1.2V (MIN.)
Green package available
Package : 44-pin 400 mil TSOP-II
48-ball 8mm x 10mm TFBGA
GENERAL DESCRIPTION
The AS6C1608 is a 16,777,216-bit low power
CMOS static random access memory organized as
2,097,152 words by 8 bits. It is fabricated using very
high performance, high reliability CMOS technology.
Its standby current is stable within the range of
operating temperature.
The AS6C1608 is well designed for very low power
system applications, and particularly well suited for
battery back-up nonvolatile memory application.
The AS6C1608 operates from a single power
supply of 2.7V ~ 3.6V and all inputs and outputs are
fully TTL compatible
PRODUCT FAMILY
Product
Family
Operating
Temperature
Vcc Range
Speed
Power Dissipation
Standby(ISB1,TYP.) Operating(Icc,TYP.)
AS6C1608(I)
-40 ~ 85℃
2.7 ~ 3.6V
55/70ns
4µA(SL)
45/30mA
FUNCTIONAL BLOCK DIAGRAM
DECODER
I/O DATA
CIRCUIT
CONTROL
CIRCUIT
2048Kx8
MEMORY ARRAY
COLUMN I/O
A0-A20
Vcc
Vss
DQ0-DQ7
CE#
WE#
OE#
CE2
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0 – A20
Address Inputs
DQ0 – DQ7
Data Inputs/Outputs
CE#, CE2
Chip Enable Inputs
WE#
Write Enable Input
OE#
Output Enable Input
VCC
Power Supply
VSS
Ground
NC
No Connection
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com