Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6C1608 Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS6C1608
Description  Fully static operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C1608 Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS6C1608 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6C1608 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6C1608 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C1608 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C1608 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C1608 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C1608 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C1608 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C1608 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AS6C1608
Rev. 1.1
2048K X 8 BIT LOW POWER CMOS SRAM
Alliance Memory Inc.reserves the rights to change the specifications and products without notice.
Alliance Memory, Inc.
551 Taylor Way, Suite #1, San Carlos, CA 94070, USA
Tel: +1 650 610 6800 Fax: +1 650 620 9211
3
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
UNIT
Voltage on VCC relative to VSS
VT1
-0.5 to 4.6
V
Voltage on any other pin relative to VSS
VT2
-0.5 to VCC+0.5
V
Operating Temperature
TA
-40 to 85(I grade)
℃
Storage Temperature
TSTG
-65 to 150
℃
Power Dissipation
PD
1
W
DC Output Current
IOUT
50
mA
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to the absolute maximum rating conditions for extended period may affect device reliability.
TRUTH TABLE
MODE
CE#
CE2
OE#
WE#
I/O OPERATION
SUPPLY CURRENT
Standby
H
X
X
X
High-Z
ISB,ISB1
X
L
X
X
High-Z
ISB,ISB1
Output Disable
L
H
H
H
High-Z
ICC,ICC1
Read
L
H
L
H
DOUT
ICC,ICC1
Write
L
H
X
L
DIN
ICC,ICC1
Note: H = VIH, L = VIL, X = Don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com