Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6C1608 Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS6C1608
Description  Fully static operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C1608 Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS6C1608 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6C1608 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6C1608 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C1608 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C1608 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C1608 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C1608 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C1608 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C1608 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AS6C1608
Rev. 1.1
2048K X 8 BIT LOW POWER CMOS SRAM
Alliance Memory Inc.reserves the rights to change the specifications and products without notice.
Alliance Memory, Inc.
551 Taylor Way, Suite #1, San Carlos, CA 94070, USA
Tel: +1 650 610 6800 Fax: +1 650 620 9211
4
DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
*4
MAX.
UNIT
Supply Voltage
VCC
2.7
3.0
3.6
V
Input High Voltage
VIH
*1
2.2
-
VCC+0.3
V
Input Low Voltage
VIL
*2
- 0.2
-
0.6
V
Input Leakage Current
ILI
VCC
≧ VIN ≧ VSS
- 1
-
1
µA
Output Leakage
Current
ILO
VCC
≧ VOUT ≧ VSS
Output Disabled
- 1
-
1
µA
Output High Voltage
VOH
IOH = -1mA
2.2
2.7
-
V
Output Low Voltage
VOL
IOL = 2mA
-
-
0.4
V
Average Operating
Power supply Current
ICC
Cycle time = Min.
CE# = VIL and CE2 = VIH
II/O = 0mA
Other pins at VIL or VIH
- 55
-
45
60
mA
- 70
-
30
45
mA
ICC1
Cycle time = 1µs
CE#≦0.2V and CE2≧VCC-0.2V
II/O = 0mA
Other pins at 0.2V or VCC-0.2V
-
8
16
mA
Standby Power
Supply Current
ISB
CE# = VIH or CE2 = VIL
Other pins at VIL or VIH
-
0.3
2
mA
ISB1
CE#
≧VCC-0.2V
or CE2≦0.2V
Other pins at 0.2V
or VCC-0.2V
SL
*5
SLI
*5
25℃
-
4
10
µA
40℃
-
4
10
µA
SL
-
4
30
µA
SLI
-
4
40
µA
Notes:
1. VIH(max) = VCC + 2.0V for pulse width less than 6ns.
2. VIL(min) = VSS - 2.0V for pulse width less than 6ns.
3. Over/Undershoot specifications are characterized on engineering evaluation stage, not for mass production test.
4. Typical values are included for reference only and are not guaranteed or tested.
Typical valued are measured at VCC = VCC(TYP.) and TA = 25℃
5. This parameter is measured at VCC = 3.0V
CAPACITANCE (TA = 25℃, f = 1.0MHz)
PARAMETER
SYMBOL
MIN.
MAX
UNIT
Input Capacitance
CIN
-
6
pF
Input/Output Capacitance
CI/O
-
8
pF
Note : These parameters are guaranteed by device characterization, but not production tested.
AC TEST CONDITIONS
Input Pulse Levels
0.2V to VCC - 0.2V
Input Rise and Fall Times
3ns
Input and Output Timing Reference Levels
1.5V
Output Load
CL = 30pF + 1TTL, IOH/IOL = -1mA/2mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com