Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6C2008A Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS6C2008A
Description  Fully static operation
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C2008A Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS6C2008A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ABSOLUTE MAXIMUN RATINGS*
PARAMETER
SYMBOL
RATING
UNIT
Voltage on VCC relative to VSS
VT1
-0.5 to 6.5
V
Voltage on any other pin relative to VSS
VT2
-0.5 to VCC+0.5
V
Operating Temperature
TA
-40 to 85(I grade)
℃
Storage Temperature
TSTG
-65 to 150
℃
Power Dissipation
PD
1
W
DC Output Current
IOUT
50
mA
Soldering Temperature (under 10 sec)
TSOLDER
260
℃
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to the absolute maximum rating conditions for extended period may affect device reliability.
TRUTH TABLE
MODE
CE#
CE2
OE#
WE#
I/O OPERATION
SUPPLY CURRENT
H
X
X
X
High-Z
ISB1
Standby
X
L
X
X
High-Z
ISB1
Output Disable
L
H
H
H
High-Z
ICC,ICC1
Read
L
H
L
H
DOUT
ICC,ICC1
Write
L
H
X
L
DIN
ICC,ICC1
Note: H = VIH, L = VIL, X = Don't care.
512K X 8 BIT LOW POWER CMOS SRAM
January 2007
256K X 8 BIT LOW POWER CMOS SRAM
AUGUST 2007
AS6C2008A
AUGUST/2007, V 1.0
Alliance Memory Inc.
Page 3 of 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com