Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6C2008A Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS6C2008A
Description  Fully static operation
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C2008A Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS6C2008A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
FEATURES
Fast access time : 55ns
Low power consumption:
Operating current : 20/18mA (TYP.)
Standby current : 2µA (TYP.)
Single 2.7V ~ 5.5V power supply
All outputs TTL compatible
Fully static operation
Tri-state output
Data retention voltage : 2.0V (MIN.)
Lead free and green package available
Package : 32-pin 8mm x 20mm TSOP-I
32-pin 8mm x 13.4mm STSOP
32-pin 450 mil SOP
32-pin 600 mil P-DIP
36-ball 6mm x 8mm TFBGA
GENERAL DESCRIPTION
The AS6C2008A is a 2,097,152-bit low power
CMOS static random access memory organized as
262,144 words by 8 bits. It is fabricated using very
high performance, high reliability CMOS technology.
Its standby current is stable within the range of
operating temperature.
The AS6C2008A is well designed for very low power
system applications, and particularly well suited for
battery back-up nonvolatile memory application.
The AS6C2008A operates from a single power
supply of 2.7V ~ 5.5V and all outputs are fully TTL
compatible
PRODUCT FAMILY
Power Dissipation
Product
Family
Operating
Temperature
Vcc Range
Speed
Standby(ISB1,TYP.) Operating(Icc,TYP.)
AS6C2008A(LLI)
-40 ~ 85℃
2.7 ~ 5.5V
55ns
2µA(LL)
20/18mA
FUNCTIONAL BLOCK DIAGRAM
DECODER
I/O DATA
CIRCUIT
CONTROL
CIRCUIT
256Kx8
MEMORY ARRAY
COLUMN I/O
A0-A17
Vcc
Vss
DQ0-DQ7
CE#
WE#
OE#
CE2
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0 - A17
Address Inputs
DQ0 – DQ7
Data Inputs/Outputs
CE#, CE2
Chip Enable Inputs
WE#
Write Enable Input
OE#
Output Enable Input
VCC
Power Supply
VSS
Ground
NC
No Connection
512K X 8 BIT LOW POWER CMOS SRAM
January 2007
256K X 8 BIT LOW POWER CMOS SRAM
AUGUST 2007
AS6C2008A
AUGUST/2007, V 1.0
Alliance Memory Inc.
Page 1 of 15


Similar Part No. - AS6C2008A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C2008 ALSC-AS6C2008 Datasheet
3Mb / 13P
256K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - AS6C2008A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C1608 ALSC-AS6C1608 Datasheet
1Mb / 13P
Fully static operation
AS6C2016 ALSC-AS6C2016 Datasheet
525Kb / 13P
Fully static operation
AS6C4016 ALSC-AS6C4016 Datasheet
631Kb / 12P
Fully static operation
AS6C8016 ALSC-AS6C8016 Datasheet
738Kb / 12P
Fully static operation
AS7C34096A-8TIN ALSC-AS7C34096A-8TIN Datasheet
681Kb / 11P
Fully static operation
AS7C34098A-8TIN ALSC-AS7C34098A-8TIN Datasheet
710Kb / 14P
fully static operation
AS7C38096A ALSC-AS7C38096A Datasheet
395Kb / 11P
Fully static operation
AS7C316096A ALSC-AS7C316096A Datasheet
368Kb / 11P
Fully static operation
AS7C316098A ALSC-AS7C316098A Datasheet
463Kb / 13P
Fully static operation
AS7C316098B ALSC-AS7C316098B Datasheet
915Kb / 12P
Fully static operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com