Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6C2008A Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS6C2008A
Description  Fully static operation
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C2008A Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS6C2008A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
*4
Supply Voltage
VCC
2.7
3.0
5.5
V
Input High Voltage
VIH
*1
0.7* VCC
-
VCC+0.3
V
Input Low Voltage
VIL
*2
- 0.2
-
0.6
V
Input Leakage Current
ILI
VCC
VIN
VSS
- 1
-
1
µA
Output Leakage
Current
ILO
VCC
VOUT
VSS,
Output Disabled
- 1
-
1
µA
Output High Voltage
VOH
IOH = -1mA
2.4
2.7
-
V
Output Low Voltage
VOL
IOL = 2mA
-
-
0.4
V
- 55
-
20
60
mA
ICC
Cycle time = Min., II/O = 0mA
CE# =0.2V and CE2=VCC-0.2V
other pins at 0.2V or VCC-0.2V - 70
-
18
50
mA
Average Operating
Power supply Current
ICC1
Cycle time = 1µs, II/O = 0mA
CE#≦0.2V and CE2≧VCC-0.2V,
other pins at 0.2V or VCC-0.2V
-
4
10
mA
Standby Power
Supply Current
ISB1
CE# VCC-0.2V
or CE2≦0.2V
other pins at 0.2V or VCC-0.2V
-
2
50
µA
Notes:
1. VIH(max) = VCC + 3.0V for pulse width less than 10ns.
2. VIL(min) = VSS - 3.0V for pulse width less than 10ns.
3. Over/Undershoot specifications are characterized, not 100% tested.
4. Typical values are included for reference only and are not guaranteed or tested.
Typical valued are measured at VCC = VCC(TYP.) and TA = 25℃
Input Capacitance
CIN
-
6
pF
Input/Output Capacitance
CI/O
-
8
pF
Note : These parameters are guaranteed by device characterization, but not production tested.
Input Pulse Levels
0.2V to VCC - 0.2V
Input Rise and Fall Times
3ns
Input and Output Timing Reference Levels
1.5V
Output Load
CL = 30pF + 1TTL, IOH/IOL = -2mA/4mA
≧
≧
≧
≧
≧



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com