Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6C2016 Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS6C2016
Description  Fully static operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C2016 Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS6C2016 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6C2016 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6C2016 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C2016 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C2016 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C2016 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C2016 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C2016 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C2016 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
FUNCTIONAL BLOCK DIAGRAM
CONTROL
CIRCUIT
CE#
WE#
OE#
DECODER
128Kx16
MEMORY ARRAY
COLUMN I/O
A0-A16
Vcc
Vss
DQ8-DQ15
Upper Byte
DQ0-DQ7
Lower Byte
I/O DATA
CIRCUIT
LB#
UB#
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0 - A16
Address Inputs
DQ0 – DQ15 Data Inputs/Outputs
CE#
Chip Enable Input
WE#
Write Enable Input
OE#
Output Enable Input
LB#
Lower Byte Control
UB#
Upper Byte Control
VCC
Power Supply
VSS
Ground
512K X 8 BIT LOW POWER CMOS SRAM
January 2007
128K X 16 BIT LOW POWER CMOS SRAM
FEBRUARY 2008
AS6C2016
FEBRUARY/2008, V 1.c
Alliance Memory Inc.
Page 2 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com