Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6C2016 Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS6C2016
Description  Fully static operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C2016 Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS6C2016 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6C2016 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6C2016 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C2016 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C2016 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C2016 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C2016 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C2016 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C2016 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PIN CONFIGURATION
A1
A2
A3
A4
DQ15
DQ0
DQ1
DQ2
Vcc
Vss
NC
A16
DQ14
DQ12
DQ13
DQ11
Vss
Vcc
DQ10
DQ9
DQ3
DQ4
TSOP II
28
14
13
12
11
10
9
8
7
6
5
4
3
2
1
17
16
15
20
19
18
22
23
24
25
26
27
21
A15
A0
DQ6
DQ7
A5
A6
A7
A8
A9
DQ5
DQ8
A14
A13
A12
A10
NC
34
29
30
31
32
33
44
39
40
41
42
43
35
36
37
38
A11
CE#
WE#
LB#
UB#
OE#
TFBGA
NC
A3
A10
A9
A11
A0
A14
A8
NC
WE#
DQ9
DQ14
DQ15
NC
Vss
NC
A13
DQ8
Vcc
Vcc
DQ7
A15
Vss
CE#
LB#
DQ6
DQ2
DQ0
A2
OE#
A1
A6
A5
A4
UB#
1
2
3
4
5
6
H
G
C
D
E
F
A
B
A12
NC
NC
A7
A16
DQ10
DQ11
DQ12
DQ13
DQ5
DQ4
DQ3
DQ1
ABSOLUTE MAXIMUN RATINGS*
PARAMETER
SYMBOL
RATING
UNIT
Voltage on VCC relative to VSS
VT1
-0.5 to 6.5
V
Voltage on any other pin relative to VSS
VT2
-0.5 to VCC+0.5
V
Operating Temperature
TA
-40 to 85(I grade)
Storage Temperature
TSTG
-65 to 150
Power Dissipation
PD
1
W
DC Output Current
IOUT
50
mA
Soldering Temperature (under 10 sec)
TSOLDER
260
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to the absolute maximum rating conditions for extended period may affect device reliability.
512K X 8 BIT LOW POWER CMOS SRAM
January 2007
128K X 16 BIT LOW POWER CMOS SRAM
FEBRUARY 2008
AS6C2016
FEBRUARY/2008, V 1.c
Alliance Memory Inc.
Page 3 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com