Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6C2016 Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS6C2016
Description  Fully static operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C2016 Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS6C2016 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6C2016 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6C2016 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C2016 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C2016 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C2016 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C2016 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C2016 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C2016 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FEATURES
Fast access time : 55ns
Low power consumption:
Operating current : 20/18mA (TYP.)
Standby current : 2µA (TYP.)
Single 2.7V ~ 5.5V power supply
All inputs and outputs TTL compatible
Fully static operation
Tri-state output
Data byte control : LB# (DQ0 ~ DQ7)
UB# (DQ8 ~ DQ15)
Data retention voltage : 2.0V (MIN.)
Lead free and green package available
Package : 44-pin 400 mil TSOP-II
48-ball 6mm x 8mm TFBGA
GENERAL DESCRIPTION
The AS6C2016 is a 2,097,152-bit low power
CMOS static random access memory organized as
131,072 words by 16 bits. It is fabricated using very
high performance, high reliability CMOS technology.
Its standby current is stable within the range of
operating temperature.
The AS6C2016 is well designed for low power
application, and particularly well suited for battery
back-up nonvolatile memory application.
The AS6C2016 operates from a single power
supply of 2.7V ~ 5.5V and all inputs and outputs are
fully TTL compatible
PRODUCT FAMILY
Power Dissipation
Product
Family
Operating
Temperature
Vcc Range
Speed
Standby(ISB1,TYP.)
Operating(Icc,TYP.)
AS6C2016 (I)
-40 ~ 85℃
2.7 ~ 5.5V
55ns
2µA
20/18mA
512K X 8 BIT LOW POWER CMOS SRAM
January 2007
128K X 16 BIT LOW POWER CMOS SRAM
FEBRUARY 2008
AS6C2016
FEBRUARY/2008, V 1.c
Alliance Memory Inc.
Page 1 of 13


Similar Part No. - AS6C2016

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C2008 ALSC-AS6C2008 Datasheet
3Mb / 13P
256K X 8 BIT LOW POWER CMOS SRAM
AS6C2008A ALSC-AS6C2008A Datasheet
1Mb / 15P
Fully static operation
More results

Similar Description - AS6C2016

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C1608 ALSC-AS6C1608 Datasheet
1Mb / 13P
Fully static operation
AS6C2008A ALSC-AS6C2008A Datasheet
1Mb / 15P
Fully static operation
AS6C4016 ALSC-AS6C4016 Datasheet
631Kb / 12P
Fully static operation
AS6C8016 ALSC-AS6C8016 Datasheet
738Kb / 12P
Fully static operation
AS7C34096A-8TIN ALSC-AS7C34096A-8TIN Datasheet
681Kb / 11P
Fully static operation
AS7C34098A-8TIN ALSC-AS7C34098A-8TIN Datasheet
710Kb / 14P
fully static operation
AS7C38096A ALSC-AS7C38096A Datasheet
395Kb / 11P
Fully static operation
AS7C316096A ALSC-AS7C316096A Datasheet
368Kb / 11P
Fully static operation
AS7C316098A ALSC-AS7C316098A Datasheet
463Kb / 13P
Fully static operation
AS7C316098B ALSC-AS7C316098B Datasheet
915Kb / 12P
Fully static operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com