Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6550 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6550
Description  Differential, High Speed Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6550 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMH6550 Datasheet HTML 1Page - National Semiconductor (TI) LMH6550 Datasheet HTML 2Page - National Semiconductor (TI) LMH6550 Datasheet HTML 3Page - National Semiconductor (TI) LMH6550 Datasheet HTML 4Page - National Semiconductor (TI) LMH6550 Datasheet HTML 5Page - National Semiconductor (TI) LMH6550 Datasheet HTML 6Page - National Semiconductor (TI) LMH6550 Datasheet HTML 7Page - National Semiconductor (TI) LMH6550 Datasheet HTML 8Page - National Semiconductor (TI) LMH6550 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 5)
Human Body Model
2000V
Machine Model
200V
Supply Voltage
13.2V
Common Mode Input Voltage
±Vs
Maximum Input Current (pins 1, 2,
7, 8)
30mA
Maximum Output Current (pins 4, 5)
(Note 3)
Soldering Information
Infrared or Convection (20 sec)
235˚C
Wave Soldering (10 sec)
260˚C
Operating Ratings (Note 1)
Operating Temperature Range
−40˚C to +85˚C
Storage Temperature Range
−65˚C to +150˚C
Total Supply Voltage
4.5V to 12V
Package Thermal Resistance (
θ
JA) (Note 4)
8-Pin SOIC
150˚C/W
±5V Electrical Characteristics (Note 2)
Single ended in differential out, T
A= 25˚C, AV= +1, VS = ±5V, VCM = 0V, RF =RG = 365
Ω,R
L = 500
Ω;; Unless specified Bold-
face limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 8)
Typ
(Note 7)
Max
(Note 8)
Units
AC Performance (Differential)
SSBW
Small Signal −3 dB Bandwidth
V
OUT = 0.5 VPP
400
MHz
LSBW
Large Signal −3 dB Bandwidth
V
OUT =2VPP
380
MHz
Large Signal −3 dB Bandwidth
V
OUT =4VPP
320
MHz
0.1 dB Bandwidth
V
OUT = 0.5 VPP
90
MHz
Slew Rate
4V Step(Note 6)
2000
3000
V/µs
Rise/Fall Time
2V Step
1
ns
Settling Time
2V Step, 0.1%
8
ns
V
CM Pin AC Performance (Common Mode Feedback Amplifier)
Common Mode Small Signal
Bandwidth
V
CMbypass capacitor removed
210
MHz
Slew Rate
V
CMbypass capacitor removed
200
V/µs
Distortion and Noise Response
HD2
2
nd Harmonic Distortion
V
O =2VPP,f=5 MHz, RL=800
Ω
−92
dBc
HD2
V
O =2VPP,f=20 MHz, RL=800
Ω
−78
dBc
HD2
V
O =2VPP,f=70 MHz, RL=800
Ω
−59
dBc
HD3
3
rd Harmonic Distortion
V
O =2VPP,f=5 MHz, RL=800
Ω
−103
dBc
HD3
V
O =2VPP,f=20 MHz, RL=800
Ω
−88
dBc
HD3
V
O =2VPP,f=70 MHz, RL=800
Ω
−50
dBc
e
n
Input Referred Voltage Noise
Freq
≥ 1 MHz
6.0
nV/
i
n
Input Referred Noise Current
Freq
≥ 1 MHz
1.5
pA/
Input Characteristics (Differential)
V
OSD
Input Offset Voltage
Differential Mode, V
ID =0,VCM =0
1
±4
±6
mV
Input Offset Voltage Average
Temperature Drift
(Note 10)
1.6
µV/˚C
I
BI
Input Bias Current
(Note 9)
0
-8
−16
µA
Input Bias Current Average
Temperature Drift
(Note 10)
9.6
nA/˚C
Input Bias Difference
Difference in Bias currents between
the two inputs
0.3
µA
CMRR
Common Mode Rejection Ratio
DC, V
CM = 0V, VID = 0V
72
82
dBc
R
IN
Input Resistance
Differential
5
M
Ω
C
IN
Input Capacitance
Differential
1
pF
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com