Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6550 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6550
Description  Differential, High Speed Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6550 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMH6550 Datasheet HTML 1Page - National Semiconductor (TI) LMH6550 Datasheet HTML 2Page - National Semiconductor (TI) LMH6550 Datasheet HTML 3Page - National Semiconductor (TI) LMH6550 Datasheet HTML 4Page - National Semiconductor (TI) LMH6550 Datasheet HTML 5Page - National Semiconductor (TI) LMH6550 Datasheet HTML 6Page - National Semiconductor (TI) LMH6550 Datasheet HTML 7Page - National Semiconductor (TI) LMH6550 Datasheet HTML 8Page - National Semiconductor (TI) LMH6550 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LMH6550
Differential, High Speed Op Amp
General Description
The LMH™6550 is a high performance voltage feedback
differential amplifier. The LMH6550 has the high speed and
low distortion necessary for driving high performance ADCs
as well as the current handling capability to drive signals
over balanced transmission lines like CAT 5 data cables. The
LMH6550 can handle a wide range of video and data for-
mats.
With external gain set resistors, the LMH6550 can be used
at any desired gain. Gain flexibility coupled with high speed
makes the LMH6550 suitable for use as an IF amplifier in
high performance communications equipment.
The LMH6550 is available in the space saving SOIC pack-
age.
Features
n
400 MHz −3 dB bandwidth (V
OUT = 0.5 VPP)
n
90 MHz 0.1 dB bandwidth
n
3000 V/µs slew Rate
n
8 ns settling time to 0.1%
n
−92/−103 dB HD2/HD3 @ 5 MHz
n
10 ns shutdown/enable
Applications
n
Differential AD driver
n
Video over twisted pair
n
Differential line driver
n
Single end to differential converter
n
High speed differential signaling
n
IF/RF amplifier
n
SAW filter buffer/driver
Typical Application
20130110
Single Ended Input Differential Output.
Gain = AV=0.5 * RF/RG
LMH™ is a trademark of National Semiconductor Corporation.
December 2004
© 2004 National Semiconductor Corporation
DS201301
www.national.com


Similar Part No. - LMH6550

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6550 NSC-LMH6550 Datasheet
913Kb / 17P
Differential, High Speed Op Amp
logo
Texas Instruments
LMH6550 TI1-LMH6550 Datasheet
2Mb / 33P
Differential, High-Speed Operational Amplifier
logo
National Semiconductor ...
LMH6550MA NSC-LMH6550MA Datasheet
913Kb / 17P
Differential, High Speed Op Amp
LMH6550MA NSC-LMH6550MA Datasheet
1Mb / 25P
LMH6550 Differential, High Speed Op Amp
logo
Texas Instruments
LMH6550MA TI1-LMH6550MA Datasheet
2Mb / 33P
Differential, High-Speed Operational Amplifier
More results

Similar Description - LMH6550

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
Differential, High Speed Op Amp
logo
M.S. Kennedy Corporatio...
MSK0032 MSK-MSK0032 Datasheet
411Kb / 5P
HIGH SPEED, FET INPUT DIFFERENTIAL OP-AMP
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI1-LMH6551Q Datasheet
520Kb / 20P
Differential, High Speed Op Amp
November 29, 2011
LMH6551MAX_NOPB TI1-LMH6551MAX_NOPB Datasheet
1Mb / 28P
LMH6551 Differential, High Speed Op Amp
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_14 Datasheet
1Mb / 25P
LMH6550 Differential, High Speed Op Amp
LMH6551 NSC-LMH6551_14 Datasheet
1Mb / 28P
LMH6551 Differential, High Speed Op Amp
LMH6551Q-Q1 NSC-LMH6551Q-Q1 Datasheet
1Mb / 25P
LMH6551Q Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
Differential, High Speed Op Amp
LMH6551 TI1-LMH6551 Datasheet
1Mb / 32P
Differential, High-Speed Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com