Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6550 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6550
Description  Differential, High Speed Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6550 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMH6550 Datasheet HTML 8Page - National Semiconductor (TI) LMH6550 Datasheet HTML 9Page - National Semiconductor (TI) LMH6550 Datasheet HTML 10Page - National Semiconductor (TI) LMH6550 Datasheet HTML 11Page - National Semiconductor (TI) LMH6550 Datasheet HTML 12Page - National Semiconductor (TI) LMH6550 Datasheet HTML 13Page - National Semiconductor (TI) LMH6550 Datasheet HTML 14Page - National Semiconductor (TI) LMH6550 Datasheet HTML 15Page - National Semiconductor (TI) LMH6550 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Application Section (Continued)
The LMH6550 requires supply bypassing capacitors as
shown in Figure 4 and Figure 5. The 0.01 µF and 0.1 µF
capacitors should be leadless SMT ceramic capacitors and
should be no more than 3 mm from the supply pins. The
SMT capacitors should be connected directly to a ground
plane. Thin traces or small vias will reduce the effectiveness
of bypass capacitors. Also shown in both figures is a capaci-
tor from the V
CM pin to ground. The VCM pin is a high
impedance input to a buffer which sets the output common
mode voltage. Any noise on this input is transferred directly
to the output. Output common mode noise will result in loss
of dynamic range, degraded CMRR, degraded Balance and
higher distortion. The V
CM pin should be bypassed even if
the pin in not used. There is an internal resistive divider on
chip to set the output common mode voltage to the mid point
of the supply pins. The impedance looking into this pin is
approximately 25k
Ω. If a different output common mode
voltage is desired drive this pin with a clean, accurate volt-
age reference.
20130101
FIGURE 4. Split Supply Bypassing Capacitors
20130112
FIGURE 5. Single Supply Bypassing Capacitors
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com