Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS62V256A Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # AS62V256A
Description  Three?뭩tate outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS62V256A Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button AS62V256A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS62V256A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS62V256A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS62V256A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS62V256A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS62V256A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS62V256A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS62V256A Datasheet HTML 9Page - Alliance Semiconductor Corporation AS62V256A Datasheet HTML 10Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AS62V256A
-70SIN
Capacitance
Conditions
Symbol
Min.
Max.
Unit
Input Capacitance
VCC
= 3.3V
VI
= VSS
t
= 1
ΜΗz
Τa
= 25 °C
CΙ
7
pF
Output Capacitance
Cο
7
pF
All pins not under test must be connected with ground by capacitors.
Alliance
Organization
VCC Range
Package
Operating
Temp
Speed
ns
AS62V256A-70SIN
32K x 8
2.7V – 3.6V
SOP28 (330 mil)
Industrial ~
-40°C - 85°C
70
Sept 2012
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com