Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AW128ML55ZB1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M68AW128ML55ZB1
Description  2 Mbit (128K x16) 3.0V Asynchronous SRAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AW128ML55ZB1 Datasheet(HTML) 1 Page - STMicroelectronics

  M68AW128ML55ZB1 Datasheet HTML 1Page - STMicroelectronics M68AW128ML55ZB1 Datasheet HTML 2Page - STMicroelectronics M68AW128ML55ZB1 Datasheet HTML 3Page - STMicroelectronics M68AW128ML55ZB1 Datasheet HTML 4Page - STMicroelectronics M68AW128ML55ZB1 Datasheet HTML 5Page - STMicroelectronics M68AW128ML55ZB1 Datasheet HTML 6Page - STMicroelectronics M68AW128ML55ZB1 Datasheet HTML 7Page - STMicroelectronics M68AW128ML55ZB1 Datasheet HTML 8Page - STMicroelectronics M68AW128ML55ZB1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1/22
September 2004
M68AW128M
2 Mbit (128K x16) 3.0V Asynchronous SRAM
FEATURES SUMMARY
■
SUPPLY VOLTAGE: 2.7 to 3.6V
■
128K x 16 bits SRAM with OUTPUT ENABLE
■
EQUAL CYCLE and ACCESS TIME: 55ns
■
SINGLE BYTE READ/WRITE
■
LOW STANDBY CURRENT
■
LOW VCC DATA RETENTION: 1.5V
■
TRI-STATE COMMON I/O
■
AUTOMATIC POWER DOWN
■
PACKAGES
–
Compliant with Lead-Free Soldering
Processes
–
Lead-Free Versions
Figure 1. Packages
BGA
TFBGA48 (ZB)
6 x 8mm
44
1
TSOP44 Type II (ND)


Similar Part No. - M68AW128ML55ZB1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68AW128ML55ZB1 STMICROELECTRONICS-M68AW128ML55ZB1 Datasheet
111Kb / 20P
2 Mbit (128K x16) 3.0V Asynchronous SRAM
17-May-2002
M68AW128ML55ZB1T STMICROELECTRONICS-M68AW128ML55ZB1T Datasheet
111Kb / 20P
2 Mbit (128K x16) 3.0V Asynchronous SRAM
17-May-2002
More results

Similar Description - M68AW128ML55ZB1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68AR024D STMICROELECTRONICS-M68AR024D Datasheet
145Kb / 19P
16 Mbit 1M x16 1.8V Asynchronous SRAM
09-Oct-2002
M68AW064F STMICROELECTRONICS-M68AW064F Datasheet
265Kb / 18P
1 Mbit 64K x16 3.0V Asynchronous SRAM
23-Apr-2003
M68AW127B STMICROELECTRONICS-M68AW127B Datasheet
327Kb / 20P
1Mbit 128K x8, 3.0V Asynchronous SRAM
21-Aug-2003
M68AW512D STMICROELECTRONICS-M68AW512D Datasheet
124Kb / 18P
8 Mbit 512K x16 3.0V Asynchronous SRAM
25-Nov-2002
M68AW512M STMICROELECTRONICS-M68AW512M Datasheet
296Kb / 19P
8 Mbit (512K x16) 3.0V Asynchronous SRAM
27-Sep-2004
M68AW128ML STMICROELECTRONICS-M68AW128ML Datasheet
111Kb / 20P
2 Mbit (128K x16) 3.0V Asynchronous SRAM
17-May-2002
M68AW256DL STMICROELECTRONICS-M68AW256DL Datasheet
109Kb / 20P
4 Mbit (256K x16) 3.0V Asynchronous SRAM
07-Jun-2002
M68AW511A STMICROELECTRONICS-M68AW511A Datasheet
134Kb / 21P
4 Mbit (512K x8) 3.0V Asynchronous SRAM
24-Sep-2004
M68AW256M STMICROELECTRONICS-M68AW256M Datasheet
167Kb / 23P
4 Mbit (256K x16) 3.0V Asynchronous SRAM
27-Apr-2004
M68AR128M STMICROELECTRONICS-M68AR128M Datasheet
122Kb / 18P
2 Mbit (128K x16) 1.8V Asynchronous SRAM
09-Oct-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com