Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS7838S Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS7838S
Description  SYNCHRONOUS TO ASYNCHRONOUS CONVERTER SAC CMOS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS7838S Datasheet(HTML) 4 Page - Micro Analog systems

  MAS7838S Datasheet HTML 1Page - Micro Analog systems MAS7838S Datasheet HTML 2Page - Micro Analog systems MAS7838S Datasheet HTML 3Page - Micro Analog systems MAS7838S Datasheet HTML 4Page - Micro Analog systems MAS7838S Datasheet HTML 5Page - Micro Analog systems MAS7838S Datasheet HTML 6Page - Micro Analog systems MAS7838S Datasheet HTML 7Page - Micro Analog systems MAS7838S Datasheet HTML 8Page - Micro Analog systems MAS7838S Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DA7838.002
20 September, 2000
4 (9)
(/(&75,&$/ &+$5$&7(5,67,&6
Timings between synchronous clocks and data are shown below. Note that absolute delays depend on the speed of
the data transmission.
If pin TSL = 1 (Automatic synchronous sampling timing)
)81&7,216
u $V\QFKURQRXV WR V\QFKURQRXV FRQYHUWHU
The synchronous start-stop character, TDI (transmitter
data input), is read into the Tx buffer. When the
character is available the data bits are transferred as
TDO (transmitter data output) with the synchronous
timing signal TXC (transmitter clock). The bit rate of TDI
must be the same as the TDO rate within -2.5%...+1%
or -2.5%...+2.3% tolerance depending on XESR
(extended signalling rate) signal. The transmitter adds
extra stop bits to the synchronous data stream, if TDI is
slower than TDO. The over speed is handled by
deleting one stop bit in every 8th character at maximum
in the synchronous output data TDO. When extended
signal rate (XESR = 0) is used 4th stop bit may be
deleted. When the transmitter detects a break signal( at
least M bits of start polarity, where M is length of
character), it sends 2M + 3 bits of start - polarity to
TDO. If the break is longer than 2M + 3 bits, then all bits
are transferred to TDO. After a break signal, at least 2M
bits of stop polarity must be transmitted before sending
further data.
u 6\QFKURQRXV WR DV\QFKURQRXV FRQYHUWHU
The synchronous RDI (receiver data input) is buffered
to recognise the stop and start bits. If a missing stop bit
is detected, it is added to the RDO (receiver data
output). In this case the stop bits are shortened 12.5%
(25% if XESR = 0) during each character. When the
receiver gets at least 2M + 3 bits of start polarity, it does
not add stop bits to RDO. This enables the break signal
to go through the buffer.
uÃ&RQYHUWLQJ ZLWK KLJKHU VSHHG WLPLQJ
An alternative method to handle the over speed in
asynchronous data is to boost synchronous timing TXC
and RXC by 1-2%. In this mode XHST (higher speed
timing) = 0. In this case there is no need to delete any
stop bits in the transmitter buffer. The break signal goes
through unchanged. On the receiver side the
synchronous data, RDI, is transferred directly to the
asynchronous output RDO with RXC.
T
RXC
T2
T3
RXC
RDI
TXC
TDO
T
TXC
delay
T1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com