Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS7838S Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS7838S
Description  SYNCHRONOUS TO ASYNCHRONOUS CONVERTER SAC CMOS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS7838S Datasheet(HTML) 2 Page - Micro Analog systems

  MAS7838S Datasheet HTML 1Page - Micro Analog systems MAS7838S Datasheet HTML 2Page - Micro Analog systems MAS7838S Datasheet HTML 3Page - Micro Analog systems MAS7838S Datasheet HTML 4Page - Micro Analog systems MAS7838S Datasheet HTML 5Page - Micro Analog systems MAS7838S Datasheet HTML 6Page - Micro Analog systems MAS7838S Datasheet HTML 7Page - Micro Analog systems MAS7838S Datasheet HTML 8Page - Micro Analog systems MAS7838S Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DA7838.002
20 September, 2000
2 (9)
3,1&21),*85$7,21
Top marking: YYWW = Year Week, XXXXX.X = Lot Number,
=ESD Indicator
3,1'(6&5,37,21
3LQ QDPH
3LQ QR
,2
)XQFWLRQ
TSL
1
I
Timing select. 0 selects asynchronous sampling timing 16 x TXC from pin 2, TMG.
1 selects asynchronous sampling timing 256...8192 x TXC from pin 2, TMG.
TMG
2
I
Timing. Square wave timing signal 16 x TXC (TSL=0) or 256...8192 x TXC (TSL=1).
Max f=10 MHz.
OSC
3
O
Oscillator. Output for crystal. If used, the crystal is connected between pins 2 and 3.
TXC
4
I
Transmitter timing. Synchronous square wave timing for transmitter. The transmitted
data output, TDO is synchronized to the rising edge of TXC. The duty cycle of TXC
has to be 50% +/- 5%.
CL1
5
I
CL2
6
I
Character length. The total character length including one start bit, one stop bit and
possible parity bit is selected with the CL1 and CL2 signals.
XESR
7
I
Extended signalling rate. The tolerance of the synchronous bit rate can be:
XESR = 1 (basic signalling rate) TXC -2.5%...+1.0%
XESR = 0 (extended signalling rate) TXC -2.5%...2.3%
VSS
8
G
Ground
TDI
9
I
Transmitter data input. 1 = mark or stop bit, 0 = space, start or break signal
TDO
10
O
Transmitter data output. The output data is synchronized to the synchronous timing
signal TXC (pin 4). 1 = mark, 0 = space
XASY
11
I
Asynchronous mode. XASY=0 Asynchronous transmission. XASY=1 Synchronous
transmission. In synchronous transmission the converter is totally bypassed in both
directions: TDI=TDO, RDI=RDO
XHST
12
I
Higher speed signalling timing. XHST = 1 normal synchronous to asynchronous
conversion (Bell 212; CCITT V.22). XHST = 0 asynchronous to synchronous
conversion with higher speed synchronous timing (TXC, RXC). TXC and RXC timing
must be 1-2% higher than the normal bit rate in order to allow some overspeed in the
asynchronous data. On the receiver side the RX buffer is deleted and the
synchronous data RDI is directly connected to the asynchronous output RDO.
RDO
13
O
Receiver data output. RDO is the received data converted back to asynchronous
mode.
1 = mark or stop bit, 0 = space, start or break signal
RDI
14
I
Receiver data input. 1 = mark, 0 = space. The received data must be synchronized to
the receiver timing RXC from the synchronous channel (pin 15).
RXC
15
I
Receiver timing. Receiver square wave timing from the synchronous channel. The
received data RDI must be synchronized to the rising edge of RXC.
VDD
16
P
Power supply
PDIP 16
TSL
TMG
OSC
TXC
CL1
CL2
XESR
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16 VDD
RXC
RDI
RDO
XHST
XASY
TDO
TDI
TSL
TMG
OSC
TXC
CL1
CL2
XESR
VSS
1
2
3
4
5
6
7
8
SO16
9
10
11
12
13
14
15
16 VDD
RXC
RDI
RDO
XHST
XASY
TDO
TDI
MAS7838N
MAS7838S
ÃÃÃÃ
ÃÃÃ&
'"
'
Y
Y
Y
Y
Y
Y
ÃÃÃ`
`
X
X
ÃÃÃÃ
ÃÃÃ&
'"
'
Y
Y
Y
Y
Y
Y
ÃÃÃ`
`
X
X



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com