Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS7838S Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS7838S
Description  SYNCHRONOUS TO ASYNCHRONOUS CONVERTER SAC CMOS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS7838S Datasheet(HTML) 1 Page - Micro Analog systems

  MAS7838S Datasheet HTML 1Page - Micro Analog systems MAS7838S Datasheet HTML 2Page - Micro Analog systems MAS7838S Datasheet HTML 3Page - Micro Analog systems MAS7838S Datasheet HTML 4Page - Micro Analog systems MAS7838S Datasheet HTML 5Page - Micro Analog systems MAS7838S Datasheet HTML 6Page - Micro Analog systems MAS7838S Datasheet HTML 7Page - Micro Analog systems MAS7838S Datasheet HTML 8Page - Micro Analog systems MAS7838S Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DA7838.002
20 September, 2000
1 (9)
0$6
6<1&+52128672$6<1&+521286
&219(57(56$&&026
• ,QWHUIDFHVDGXSOH[DV\QFKURQRXVFKDQQHO
WRDV\QFKURQRXVFKDQQHO
• 0RGHPV\VWHPVDWVSHHGVRIN
NNNDQGN
&KDUDFWHUOHQJWKIURPWRELWV
LQFOXGLQJVWDUWVWRSDQGSDULW\ELWV
'(6&5,37,21
The MAS7838 is a single chip duplex synchronous to
asynchronous converter. It converts asynchronous start
stop characters to synchronous character format, with
stop bit deletion when required as defined in the CCITT
recommendation V.14 (V.22). On the receiver channel
the MAS7838 converts the incoming synchronous data
to asynchronous start stop character format with stop bit
insertion when required as defined in the CCITT
recommendation V.14 (V.22).The MAS7838 implements
the data modes for the synchronous interface as
specified in the V.14 (V.22). The device can be
configured to operate at any frequency to maximum
device speed within the above mentioned modes.
)($785(6
$33/,&$7,21
• Implements CCITT recommendations V.14 and
V.22 chapters 4.1, 4.2 and 4.3
• Operates in modes as defined in the CCITT
recommendations V.22 (i), ii), iii), iv) and v)
• Transmission rate up to 64 kbit/s
• CMOS compatible interface
• Low power consumption (typically 25 mW)
• No additional circuitry required to perform the
conversion
• CMOS device
• Single =5V supply
Adapts asynchronous terminals to synchronous
modems
Full or half card PC modems using UART as a
data source
Simplifying data multiplexing in a MUX/DEMUX
system
%/2&.',$*5$0
CL1
CL2
XESR
TMG
OSC
TSL
TXC
TDO
RXC
RDI
XASY
XHST
VSS
VDD
TDI
RDO
CONTROL
O
S
C
ASYNC
TO
SYNC
SYNC
TO
ASYNC
> 1
_


Similar Part No. - MAS7838S

ManufacturerPart #DatasheetDescription
logo
Micronas
MAS7848L MICRONAS-MAS7848L Datasheet
378Kb / 5P
RDS MODEM / MANCHESTER DECODER
MAS7848L44C MICRONAS-MAS7848L44C Datasheet
378Kb / 5P
RDS MODEM / MANCHESTER DECODER
More results

Similar Description - MAS7838S

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8513 NPC-SM8513 Datasheet
329Kb / 13P
Synchronous/Asynchronous Converter LSI
logo
Micro Analog systems
MAS9138 MAS-MAS9138 Datasheet
171Kb / 10P
ASYNCHRONOUS TO SYNCHRONOUS CONVERTER
logo
Intersil Corporation
82C50A INTERSIL-82C50A_06 Datasheet
282Kb / 25P
CMOS Asynchronous
August 24, 2006
logo
Integrated Device Techn...
IDT7203 IDT-IDT7203_06 Datasheet
112Kb / 14P
CMOS ASYNCHRONOUS FIFO
logo
LANSDALE Semiconductor ...
ML145428 LANSDALE-ML145428 Datasheet
1Mb / 14P
Asynchronous-to-Synchronous and Synchronous-to-Asynchronous Converter
logo
Integrated Device Techn...
7202LA20JG IDT-7202LA20JG Datasheet
313Kb / 14P
CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
82C50A RENESAS-82C50A Datasheet
985Kb / 25P
CMOS Asynchronous
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L_17 Datasheet
139Kb / 14P
CMOS ASYNCHRONOUS FIFO
IDT7203 IDT-IDT7203_17 Datasheet
143Kb / 14P
CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7203 RENESAS-IDT7203 Datasheet
276Kb / 15P
CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com