Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

942C Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # 942C
Description  Very High dV/dt for Snubber Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

942C Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  942C Datasheet HTML 1Page - Cornell Dubilier Electronics 942C Datasheet HTML 2Page - Cornell Dubilier Electronics 942C Datasheet HTML 3Page - Cornell Dubilier Electronics 942C Datasheet HTML 4Page - Cornell Dubilier Electronics 942C Datasheet HTML 5Page - Cornell Dubilier Electronics 942C Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Ratings
942
C
6
P
22
K
–F
Capacitance
RoHS
Compliant
Indicator
Termination
Capacitance
Significant
Tolerance
Series
Code
Voltage Code
Decimal Point
Figures µF
Code
942
C = Tinned Copper Wire
6 = 600 Vdc
12 = 1200 Vdc
S = 0.0
K = ±10%
F = Insulated Stranded
8 = 850 Vdc
16 = 1600 Vdc
P = 0.
J = ±5%
Wire
10 = 1000 Vdc
20 = 2000 Vdc
W = No decimal
H =Copper Lugs
point
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Part Numbering System
I
RMS
Typical
Typical
70 ºC
Cap.
Catalog
D
mm
L
mm
d
mm
ESR
ESL
dV/dt
I
PEAK
100 kHz
(µF)
Part Number
(mΩ )
(nH )
(V/µs)
(A)
(A)
600 Vdc (300 Vac)
.15
942C6P15K-F
14.0
34.0
1.0
5
21
1427
214
7.7
.22
942C6P22K-F
16.0
34.0
1.0
7
22
1427
314
7.0
.33
942C6P33K-F
19.0
34.0
1.0
6
23
1427
471
8.4
.47
942C6P47K-F
22.0
34.0
1.0
5
24
1427
671
10.1
.68
942C6P68K-F
25.6
34.0
1.2
4
26
1427
970
12.4
1.00
942C6W1K-F
23.5
46.0
1.2
5
30
800
800
11.8
1.50
942C6W1P5K-F
28.5
46.0
1.2
4
32
800
1200
14.8
2.00
942C6W2K-F
28.5
54.0
1.2
3
36
628
1256
18.2
2.20
942C6W2P2K-F
30.0
54.0
1.2
3
36
628
1382
18.8
2.50
942C6W2P5K-F
32.0
54.0
1.2
3
37
628
1570
19.5
850 Vdc (360 Vac )
.15
942C8P15K-F
15.5
34.0
1.0
5
22
1712
257
8.1
.22
942C8P22K-F
18.0
34.0
1.0
7
23
1712
377
7.5
.33
942C8P33K-F
21.5
34.0
1.0
6
24
1712
565
7.7
.47
942C8P47K-F
25.0
34.0
1.2
5
26
1712
805
10.9
.68
942C8P68K-F
29.5
34.0
1.2
4
27
1712
1164
13.6
1.00
942C8W1K-F
28.0
46.0
1.2
5
32
960
960
13.1
1.50
942C8W1P5K-F
29.0
54.0
1.2
4
36
754
1131
15.9
2.00
942C8W2K-F
29.5
64.0
1.2
3
41
574
1148
19.9
1000 Vdc (400 Vac)
.10
942C10P1K-F
16.0
34.0
1.0
8
22
2283
228
6.6
.15
942C10P15K-F
19.0
34.0
1.0
7
23
2283
342
7.8
.22
942C10P22K-F
22.5
34.0
1.0
6
24
2283
502
9.3
.33
942C10P33K-F
21.0
46.0
1.0
5
29
1280
422
11.0
.47
942C10P47K-F
24.0
46.0
1.2
5
30
1280
601
11.9
.68
942C10P68K-F
28.5
46.0
1.2
5
32
1280
870
13.3
1.00
942C10W1K-F
30.0
54.0
1.2
5
37
1005
1005
14.6
1.40
942C10W1P4K-F
31.5
64.0
1.2
4
41
765
1071
17.9
Type 942C, Polypropylene Capacitors, for High Pulse, Snubber
Very High dV/dt for Snubber Applications
NOTE: Other ratings, sizes and performance specifications are available. Contact us.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com