Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

942C Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # 942C
Description  Very High dV/dt for Snubber Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

942C Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  942C Datasheet HTML 1Page - Cornell Dubilier Electronics 942C Datasheet HTML 2Page - Cornell Dubilier Electronics 942C Datasheet HTML 3Page - Cornell Dubilier Electronics 942C Datasheet HTML 4Page - Cornell Dubilier Electronics 942C Datasheet HTML 5Page - Cornell Dubilier Electronics 942C Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
0
50
100
150
200
250
300
350
400
450
500
10
100
1000
10000
100000
Frequency (Hz)
942C/ 943C - 1600 Vdc
0.022 µF
0.47 µF
1.5 µF
0
50
100
150
200
250
300
350
400
450
10
100
1000
10000
100000
Frequency (Hz)
942C/ 943C - 1000 Vdc
0.15 µF
0.47 µF
1.4 µF
0
100
200
300
400
500
600
10
100
1000
10000
100000
Frequency (Hz)
942C/ 943C - 2000 Vdc
0.01 µF
0.047 µF
0.15 µF
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
RMS Voltage vs Frequency @ 25 ºC
0
50
100
150
200
250
300
350
400
450
500
10
100
1000
10000
100000
Frequency (Hz)
942C/ 943C - 1200 Vdc
0.1 µF
0.33 µF
0.9 µF
0
100
200
300
400
10
100
1000
10000
100000
Frequency (Hz)
942C/ 943C - 850 Vdc
0.15 µF
0.68 µF
2 µF
0
50
100
150
200
250
300
350
10
100
1000
10000
100000
Frequency (Hz)
942C/ 943C - 600 Vdc
0.15 µF
1 µF
2.5 µF
Type 942C, Polypropylene Capacitors, for High Pulse, Snubber
Very High dV/dt for Snubber Applications



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com