Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

942C Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # 942C
Description  Very High dV/dt for Snubber Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

942C Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  942C Datasheet HTML 1Page - Cornell Dubilier Electronics 942C Datasheet HTML 2Page - Cornell Dubilier Electronics 942C Datasheet HTML 3Page - Cornell Dubilier Electronics 942C Datasheet HTML 4Page - Cornell Dubilier Electronics 942C Datasheet HTML 5Page - Cornell Dubilier Electronics 942C Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
I
RMS
Typical
Typical
70 ºC
Cap.
Catalog
D
mm
L
mm
d
mm
ESR
ESL
dV/dt
I
PEAK
100 kHz
(µF)
Part Number
(mΩ )
(nH )
(V/µs)
(A)
(A)
1200 Vdc (430 Vac)
.10
942C12P1K-F
19.0
34.0
1.0
5
23
2854
285
9.2
.15
942C12P15K-F
22.5
34.0
1.0
5
24
2854
428
10.2
.22
942C12P22K-F
26.5
34.0
1.2
6
26
2854
628
10.3
.33
942C12P33K-F
24.5
46.0
1.2
6
31
1600
528
11.0
.47
942C12P47K-F
29.0
46.0
1.2
5
32
1600
752
13.4
.68
942C12P68K-F
30.5
54.0
1.2
5
37
1256
854
14.7
.90
942C12P9K-F
31.0
64.0
1.2
5
41
957
861
15.9
1600 Vdc (460 Vac)
.022
942C16S22K-F
12.0
34.0
1.0
27
20
3425
75
3.0
.033
942C16S33K-F
14.5
34.0
1.0
14
21
3425
113
4.7
.047
942C16S47K-F
16.5
34.0
1.0
8
22
3425
161
6.7
.068
942C16S68K-F
19.0
34.0
1.0
6
23
3425
233
8.4
.10
942C16P1K-F
22.5
34.0
1.0
4
24
3425
342
11.4
.15
942C16P15K-F
20.5
46.0
1.0
5
29
1919
288
10.9
.22
942C16P22K-F
23.5
46.0
1.0
5
68
1919
422
11.8
.33
942C16P33K-F
28.5
46.0
1.2
5
32
1919
633
13.3
.47
942C16P47K-F
30.0
54.0
1.2
5
36
1507
708
14.6
.56
942C16P56K-F
28.5
64.0
1.2
5
40
1148
643
15.1
.68
942C16P68K-F
31.5
64.0
1.2
5
42
1148
781
16.0
2000 Vdc (500 Vac)
.01
942C20S1K-F
12.0
34.0
1.0
50
20
5137
51
2.2
.015
942C20S15K-F
14.5
34.0
1.0
40
21
5137
77
2.8
.022
942C20S22K-F
16.5
34.0
1.0
20
22
5137
113
4.2
.033
942C20S33K-F
19.5
34.0
1.0
12
23
5137
170
6.0
.047
942C20S47K-F
18.0
46.0
1.0
10
28
2879
135
7.1
.068
942C20S68K-F
20.5
46.0
1.0
6
29
2879
196
9.9
.10
942C20P1K-F
24.5
46.0
1.2
5
30
2879
288
12.1
.15
942C20P15K-F
29.5
46.0
1.2
5
32
2879
432
13.5
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Type 942C, Polypropylene Capacitors, for High Pulse, Snubber
Very High dV/dt for Snubber Applications



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com