Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

715P10398L Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # 715P10398L
Description  Low dissipation factor.
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

715P10398L Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  715P10398L Datasheet HTML 1Page - Cornell Dubilier Electronics 715P10398L Datasheet HTML 2Page - Cornell Dubilier Electronics 715P10398L Datasheet HTML 3Page - Cornell Dubilier Electronics 715P10398L Datasheet HTML 4Page - Cornell Dubilier Electronics 715P10398L Datasheet HTML 5Page - Cornell Dubilier Electronics 715P10398L Datasheet HTML 6Page - Cornell Dubilier Electronics 715P10398L Datasheet HTML 7Page - Cornell Dubilier Electronics 715P10398L Datasheet HTML 8Page - Cornell Dubilier Electronics 715P10398L Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Ordering/Part Number Information
715P
222
5
6
J
D
3
(XXXX)
A suffix may be added by
the factory to denote special
construction.
Lead Length 1 = 0.187 (4.7) ±0.030 (0.8)
2 = 0.250 (6.4) ±0.030 (0.8)
3 = 1.250 (32.0) Minimum
(Other lead lengths available)
Terminal A = Straight Lead (1.25 Min. lead length)
B,F = Hairpin Crimp
C = Captive Crimp1
D,G,H = Hockey Stick Crimp
Case Code See Standard S izes/Ratings Table
D-C Voltage Rating Expressed in Hundreds of Volts
Capacitance Tolerance 9 = ±10%; 5 = ±5%; 3 =±3%; 2 = ±2%; 1 = ±1%
Capacitance Expressed in Picofarads. The first two digits are the significant figures,
the third is the number of zeros following, (i.e. 222 = 2200 pF = .0022 µF)
CDE Type Number Identifies the basic capacitor design.
715P Round profile, 716P Pressed profile
1
Terminal C has a fixed lead length of 0.156 (4.0) ±0.020 (0.5), therefore it is not necessary to indicate the lead
length digit when ordering. Available for "L" case code parts only
Please note:
While it is not possible to list every capacitance value, tolerance, or design/size variation available,
our flexibility in design and manufacturing gives us the ability to quickly, and cost effectively, provide
you with the capacitor you require. Please contact us today with your specific needs!
Dimensions in inches, metric (mm) in parenthesis.
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Type 715P, Orange Drop®, Polypropylene Film/Foil Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com