Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

715P10398L Datasheet(PDF) 12 Page - Cornell Dubilier Electronics

Part # 715P10398L
Description  Low dissipation factor.
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

715P10398L Datasheet(HTML) 12 Page - Cornell Dubilier Electronics

Back Button 715P10398L Datasheet HTML 7Page - Cornell Dubilier Electronics 715P10398L Datasheet HTML 8Page - Cornell Dubilier Electronics 715P10398L Datasheet HTML 9Page - Cornell Dubilier Electronics 715P10398L Datasheet HTML 10Page - Cornell Dubilier Electronics 715P10398L Datasheet HTML 11Page - Cornell Dubilier Electronics 715P10398L Datasheet HTML 12Page - Cornell Dubilier Electronics 715P10398L Datasheet HTML 13Page - Cornell Dubilier Electronics 715P10398L Datasheet HTML 14Page - Cornell Dubilier Electronics 715P10398L Datasheet HTML 15Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
RMS Voltage vs. Frequency @ +85°C
Type 715P, 800/1000 VDC
Frequency (KHz)
Type 715P, 1200 VDC
Frequency (KHz)
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Type 715P, Orange Drop®, Polypropylene Film/Foil Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com