Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

715P10398L Datasheet(PDF) 9 Page - Cornell Dubilier Electronics

Part # 715P10398L
Description  Low dissipation factor.
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

715P10398L Datasheet(HTML) 9 Page - Cornell Dubilier Electronics

Back Button 715P10398L Datasheet HTML 5Page - Cornell Dubilier Electronics 715P10398L Datasheet HTML 6Page - Cornell Dubilier Electronics 715P10398L Datasheet HTML 7Page - Cornell Dubilier Electronics 715P10398L Datasheet HTML 8Page - Cornell Dubilier Electronics 715P10398L Datasheet HTML 9Page - Cornell Dubilier Electronics 715P10398L Datasheet HTML 10Page - Cornell Dubilier Electronics 715P10398L Datasheet HTML 11Page - Cornell Dubilier Electronics 715P10398L Datasheet HTML 12Page - Cornell Dubilier Electronics 715P10398L Datasheet HTML 13Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
dV/dt Specifications
Maximum Pulse Rise Time (dV/dt) in Volts/µsec
Cap
Value (µF)
.001
.0012
.0015
.0018
.0022
.0027
.0033
.0039
.0047
.0056
.0068
.0082
.01
.012
.015
.018
.022
.027
.033
.039
.047
.056
.068
.082
.1
.12
.15
.18
.22
.27
.33
.39
47
100V
-
-
-
-
-
-
-
-
4900
4500
4100
3700
3400
3000
2800
2500
2200
2000
1900
1700
1500
1300
1200
1100
900
800
800
700
600
500
-
200V
-
-
-
-
-
-
-
-
-
-
-
4400
4100
3600
3300
3000
2700
2400
2100
1900
1800
1600
1400
1200
1100
1000
910
820
690
620
570
520
400V
19900
18200
16200
14800
13400
12100
11000
10100
9200
8400
7600
6900
6300
5700
5100
4400
4000
3600
3200
2800
2500
2300
2100
1900
1700
1600
1400
1200
1100
970
880
810
740
600V
19900
18200
16200
14800
13400
12100
11000
10100
9200
8400
7600
6500
5900
5400
4800
4400
4000
3300
3000
2800
2500
2300
2100
1900
1700
1500
1300
1200
1100
-
-
-
-
800V/
1000V
-
-
-
-
-
-
-
-
16400
14900
13600
12300
11200
10000
9200
8300
7500
6800
6200
5300
4800
4400
4000
3600
-
-
-
-
-
-
-
-
1200V
43200
39500
35300
32200
29100
25000
22600
20800
18900
17400
15700
14300
13000
11900
10600
9000
8100
7300
6600
6100
5600
-
-
-
-
-
-
-
-
-
-
-
-
1600V/
2000V
43200
39500
35300
32200
29100
26300
23800
21900
19900
18300
16600
15100
13700
11600
10300
9400
8500
7700
7000
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Note: dV/dt ratings based on measurements made at junction of the wire leads and capacitor body.
-
-
-
-
.
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Type 715P, Orange Drop®, Polypropylene Film/Foil Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com