Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # SCD
Description  High dV/dt Direct Mount IGBT Snubber
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SCD Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  SCD Datasheet HTML 1Page - Cornell Dubilier Electronics SCD Datasheet HTML 2Page - Cornell Dubilier Electronics SCD Datasheet HTML 3Page - Cornell Dubilier Electronics SCD Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Part Numbering System
SCD
105
K
122
A
3
-
25
–F
Series
Type
Designation
Capacitance
in pF
Tolerance
Code
Voltage
Internal
Assembly
Code
Type of
Section to be
used
Lug
Configuration
Lug Spacing
RoHS
Compliant
Indicator
104 = 0.1 µF
J = ±5%
601 = 600 Vdc
Z = Standard
22 = 22 mm
105 = 1 µF
K = ±10% 122 = 1200 Vdc
25.4 mm C-C
24 = 24 mm
225 = 2.2 µF
202 = 2000 Vdc
25 = 25 mm
28 = 28 mm
29 = 29 mm
Mounting Across the Bus?
CDE Will Accommodate Your Bus Structure
Dual Snubber Assembly Option
Type SCD IGBT Snubber Capacitor Modules
High dV/dt Direct Mount IGBT Snubber



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com