Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # SCD
Description  High dV/dt Direct Mount IGBT Snubber
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SCD Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  SCD Datasheet HTML 1Page - Cornell Dubilier Electronics SCD Datasheet HTML 2Page - Cornell Dubilier Electronics SCD Datasheet HTML 3Page - Cornell Dubilier Electronics SCD Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Type SCD IGBT Snubber Capacitor Modules
High dV/dt Direct Mount IGBT Snubber
Style SCD offers protection against voltage transients in low
to medium current IGBT applications where high dV/dt is
encountered. Connect these capacitors from C1 to E2 on a dual
IGBT module or from P to N on a six-pack module to eliminate
severe voltage transients. Parts ending with Z25 fit IGBTs with
23mm, 25mm and 28mm lead spacing. If you have a preferred
lead spacing, please specify.
Highlights
- High peak & RMS current capability
- Mount directly to the IGBT module
- Low inductance
- Low loss polypropylene dielectric
- Self healing
- Other terminal spacing and capacitance values available.
- We can build to your specs!
- 85 °C ambient temperature
Specifications
Capacitance Range
0.22 to 4.7 µF
Capacitance Tolerance
±10% (K) standard, ±5% (J) optional
Rated Voltage
600 to 2000 Vdc
Operating Temperature Range
-55 ºC to 85 ºC
Maximum rms Current
Check tables for values
Test Voltage between Terminals @ 25ºC
160% rated DC voltage for 60 s
Test Voltage between Terminals & Case @ 25ºC
3 kVac @ 50/60 Hz for 60 s
Life Test
2000 h @ 85 ºC, 125% rated DC voltage
Life Expectancy
60,000 h @ rated Vdc, 70 ºC
30,000 h @ rated Vac, 70 ºC
RoHS Compliant
Dimensions
L
Max
1.0 mm
14.0 mm
W
Max
H
Max
5.0 mm
17.3 mm
7.0 mm
14.0 mm
6.5 x 8.5 mm
25.4 mm
Tolerances: ±0.5mm unless otherwise specified
±1.0
±0.125
±0.125
±0.125
±0.125
±1.0
±1.0
15.0 mm
Construction Details
Case Material
Plastic UL94V-0
Resin Material
Dry Resin UL94V-0
Terminal Material
Tin Plated Copper
17.0 mm


Similar Part No. - SCD

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
SCD GAMEWELL-FCI-SCD Datasheet
74Kb / 2P
Signal Control Element
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
SMD Unshielded Power Inductors
logo
Eravant
SCD-0130432020-SF-SC ERAVANT-SCD-0130432020-SF-SC Datasheet
380Kb / 3P
Coaxial Directional Coupler, 1 to 4 GHz, 20 dB Coupling Level
Rev 1.0
SCD-0134031010-KF-SA ERAVANT-SCD-0134031010-KF-SA Datasheet
370Kb / 3P
Coaxial Directional Coupler, 1 to 40 GHz, 10 dB Coupling Level
Rev 1.3
SCD-0134032010-KF-SA ERAVANT-SCD-0134032010-KF-SA Datasheet
275Kb / 3P
Coaxial Directional Coupler, 1 to 40 GHz, 20 dB Coupling Level
Rev 1.2
More results

Similar Description - SCD

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF7N60 SILIKRON-SSF7N60 Datasheet
439Kb / 6P
Extremely high dv/dt capability
logo
STMicroelectronics
STP35N60DM2 STMICROELECTRONICS-STP35N60DM2 Datasheet
733Kb / 13P
Extremely high dv/dt ruggedness
10-Sep-2015
STP43N60DM2 STMICROELECTRONICS-STP43N60DM2 Datasheet
422Kb / 13P
Extremely high dv/dt ruggedness
02-Jul-2015
STB9NK80Z STMICROELECTRONICS-STB9NK80Z Datasheet
987Kb / 15P
Extremely high dv/dt capability
12-Jul-2013
STW18N60DM2 STMICROELECTRONICS-STW18N60DM2 Datasheet
711Kb / 12P
Extremely high dv/dt ruggedness
28-Jan-2016
STF35N60DM2 STMICROELECTRONICS-STF35N60DM2 Datasheet
691Kb / 13P
Extremely high dv/dt ruggedness
15-Sep-2015
logo
Surge Components
C24 SURGE-C24 Datasheet
5Mb / 16P
High dv/dt ability
C28 SURGE-C28 Datasheet
3Mb / 11P
High dv/dt ability
logo
Cornell Dubilier Electr...
940C CDE-940C Datasheet
279Kb / 5P
High dV/dt for Snubber Applications
942C CDE-942C Datasheet
285Kb / 6P
Very High dV/dt for Snubber Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com